Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM39LV80070Y Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM39LV80070Y
Description  8M Bits (512Kx16) Flash Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV80070Y Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM39LV80070Y Datasheet HTML 1Page - ELAN Microelectronics Corp EM39LV80070Y Datasheet HTML 2Page - ELAN Microelectronics Corp EM39LV80070Y Datasheet HTML 3Page - ELAN Microelectronics Corp EM39LV80070Y Datasheet HTML 4Page - ELAN Microelectronics Corp EM39LV80070Y Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV80070Y Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV80070Y Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV80070Y Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV80070Y Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
EM39LV800
8M Bits (512Kx16) Flash Memory
SPECIFICATION
This specification is subject to change without further notice. (04.09.2004 V1.0)
Page 1 of 25
General Description
The EM39LV800 is an 8M bits Flash memory organized as 512K x 16 bits. The EM39LV800
uses 2.7-3.6V power supply for Program and Erase. Featuring high performance Flash
memory technology, the EM39LV800 provides a typical Word-Program time of 14 µsec and a
typical Sector/Block-Erase time of 18 ms. The device uses Toggle Bit or Data# Polling to
detect the completion of the Program or Erase operation. To protect against inadvertent
write, the device has on-chip hardware and software data protection schemes. The device
offers typical 100,000 cycles endurance and a greater than 10 years data retention. The
EM39LV800 conforms with the JEDEC standard pin outs for x16 memories. The
EM39LV800 is offered in package types of 48-ball FBGA, 48-pin TSOP, and known good dice
(KGD). For KGD, please contact ELAN Microelectronics or its representatives for detailed
information (see Appendix at the bottom of this specification for Ordering Information).
The EM39LV800 devices are developed for applications that require memories with
convenient and economical updating of program, data or configuration, e.g., DVD player, DVD
R/W, WLAN, Router, Set-Top Box, etc.
Features
Single Power Supply
Full voltage range from 2.7 to 3.6 volts
for both read and write operations
Sector-Erase Capability
Uniform 2Kword sectors
Block-Erase Capability
Uniform 32Kword blocks
Read Access Time
Access time: 55, 70 and 90 ns
Power Consumption
Active current: 20 mA (Typical)
Standby current: 2
µA (Typical)
Erase/Program Features
Sector-Erase Time: 18 ms (Typical)
Block-Erase Time: 18 ms (Typical)
Chip-Erase Time: 45 ms (Typical)
Word-Program Time: 14
µs (Typical)
Chip Rewrite Time: 8 seconds (Typical)
Automatic Write Timing
Internal VPP Generation
End-of-Program or End-of-Erase
Detection
Data# Polling
Toggle Bit
CMOS I/O Compatibility
JEDEC Standard
Pin-out and software command sets
compatible with single-power supply Flash
memory
High Reliability
Endurance cycles: 100K (Typical)
Data retention: 10 years
Package Option
48-pin TSOP
48-pin FBGA


Similar Part No. - EM39LV80070Y

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RD EMC-EM39LV010-45RD Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RH EMC-EM39LV010-45RH Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RL EMC-EM39LV010-45RL Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RM EMC-EM39LV010-45RM Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
More results

Similar Description - EM39LV80070Y

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
logo
Sharp Corporation
LHF80V01 SHARP-LHF80V01 Datasheet
1Mb / 43P
   8M Flash Memory
LHF08S49 SHARP-LHF08S49 Datasheet
1Mb / 34P
   8M Flash Memory
LHF80V11 SHARP-LHF80V11 Datasheet
1Mb / 43P
   8M Flash Memory
logo
Toshiba Semiconductor
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
   64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
logo
Samsung semiconductor
K5P2880YCM SAMSUNG-K5P2880YCM Datasheet
552Kb / 29P
   Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM
logo
Sharp Corporation
LH28F800BJE-PTTLZ1 SHARP-LH28F800BJE-PTTLZ1 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com