Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU26181 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU26181
Description  NJU26100 Series Hardware Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26181 Datasheet(HTML) 1 Page - New Japan Radio

  NJU26181 Datasheet HTML 1Page - New Japan Radio NJU26181 Datasheet HTML 2Page - New Japan Radio NJU26181 Datasheet HTML 3Page - New Japan Radio NJU26181 Datasheet HTML 4Page - New Japan Radio NJU26181 Datasheet HTML 5Page - New Japan Radio NJU26181 Datasheet HTML 6Page - New Japan Radio NJU26181 Datasheet HTML 7Page - New Japan Radio NJU26181 Datasheet HTML 8Page - New Japan Radio NJU26181 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
NJU26100 Series
- 1 -
Ver.2005-02-24
NJU26100 Series Hardware Specification
General Description
This document describes the NJU26100 Series common hardware specifications.
This document is applied to the NJU26101 up to the NJU26199.
The individual function is described in the each data sheet. Please refer to the
each data sheet to find the detail functions. The firmware commands are
described in the each firmware document.
Hardware Specification
• 24bit Fixed-point Digital Signal Processing
• Maximum System Clock Frequency
: 38MHz
• Digital Audio Interface
: 3 Input ports / 3 Output ports
• Master / Slave Mode
• Master Mode MCK
:1/2 fclk, 1/3 fclk
ex. MCK = 384Fs(1/2) or MCK = 256Fs(1/3) at fclk=768Fs
• Two kinds of micro computer interface
I2C bus (standard-mode/100kbps)
Serial interface (4 lines: clock, enable, input data, output data)
• Power Supply
: 2.5V ( 3.3V Input tolerant )
• Package
: QFP32-R1
Package
NJU26100
Series
TIMING
GENERATOR
PROGRAM
CONTROL
ALU
24-BIT x 24-BIT
MULTIPLIER
ADDRESS GENERATION UNIT
FIRMWARE
ROM
DELAY
RAM
DATA
RAM
SERIAL
HOST
INTERFACE
GPIO AND
CONFIGURATION
INTERFACE
SDO0
SDI0
SDI2
GPIO0
SCL/SCK
SDA/SDOUT
AD1/SDIN
AD2/SSb
XI
XO
RESETb
DSP ARITHMETIC UNIT
SDO1
BCKI
SDI1
MCK
BCKO
LRO
SERIAL AUDIO
INTERFACE
NJU26100 Series
SDO2
LRI
GPIO1
SERIAL OUT
SERIAL OUT
SERIAL OUT
SERIAL IN
SERIAL IN
SERIAL IN


Similar Part No. - NJU26181

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
NJU26108 NJRC-NJU26108 Datasheet
222Kb / 6P
   SRS CSII 5.1 AND TruSurround XT Decoder
NJU26108FR1 NJRC-NJU26108FR1 Datasheet
222Kb / 6P
   SRS CSII 5.1 AND TruSurround XT Decoder
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
More results

Similar Description - NJU26181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Hardware Specification
logo
NXP Semiconductors
MPC853TEC NXP-MPC853TEC Datasheet
1Mb / 88P
   MPC853T Hardware Specification
Rev. 1, 12/2004
logo
Rohm
BP35C2 ROHM-BP35C2 Datasheet
547Kb / 19P
   BP35C2 Hardware Specification
2018-10-29 Revision 1.0.0
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com