Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU26131 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU26131
Description  NJU26100 Series Hardware Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26131 Datasheet(HTML) 4 Page - New Japan Radio

  NJU26131 Datasheet HTML 1Page - New Japan Radio NJU26131 Datasheet HTML 2Page - New Japan Radio NJU26131 Datasheet HTML 3Page - New Japan Radio NJU26131 Datasheet HTML 4Page - New Japan Radio NJU26131 Datasheet HTML 5Page - New Japan Radio NJU26131 Datasheet HTML 6Page - New Japan Radio NJU26131 Datasheet HTML 7Page - New Japan Radio NJU26131 Datasheet HTML 8Page - New Japan Radio NJU26131 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NJU26100 Series
- 4 -
Ver.2005-02-24
1.2 Electric Characteristics
Table1-2 Electric Characteristics (VDDO=VDDC=VDDR=2.5V, VSSO=VSSC=VSSR=0V, Ta=25°C)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
Operating VDD Voltage
VDD
VDDO, VDDC, VDDR pin
2.25
2.5
2.75
V
Operating Current
IDD
fOSC=36.864MHz
-
40
-
mA
Operating Temperature
TOPR
-40
25
85
°C
Recommended Operating
Temperature
TOPRR
VDDO=VDDC=VDDR =2.5V
-10
25
70
°C
High Level Input
Voltage (XI)
VIH(OSC)
XI pin
2.0
-
VDD
V
High Level Input Voltage
VIH
2.0
-
3.3
V
Low Level Input Voltage
VIL
VSS=VSSO=VSSC=VSSR
VSS
-
0.5
V
High Level Input Current
IIH
VIN =3.3V
expect for GPIO pin
-10
-
+10
µA
High Level Input Current
IIH(pd)
VIN =3.3V
GPIO pin Only
100
-
300
µA
Low Level Input Current
IIL
VIN=VSSO=VSSC=VSSR
-10
-
+10
µA
High Level Output Voltage
VOH
IOH=-2mA
IOH=-100µA
VDD -0.4
VDD -0.1
-
-
V
Low Level Output Voltage
VOL
IOL=2mA
-
-
0.4
V
Input Capacitance
CIN
-
5
-
pF
Input Rise/Fall transition Time
tr / tf
except for SCL/SCK,
SDA/SDOUT,
AD1/SDIN, AD2/SSb
pin*1
-
-
100
ns
Clock Frequency
fOSC
XI pin
-
-
38.0
MHz
Ext.System Clock Duty Cycle
rEC
XI pin
47.5
50
52.5
%
*1 The tr / tf of these pins are specified separately.
*2 All input / input-and-output pins serve as the Schmidt trigger input except for XI pin.
Input pin
Output pin
XI / XO pin
(GPIO0, SCL/SCK, SDA/SDOUT,
(SDO0, SDO1, SDO2, GPIO0,
(XI, XO)
AD1/SDIN, AD2/SSb, RESETb, GPIO1,
*
3SDA/SDOUT, GPIO1, MCK,
SDI0, SDI1, SDI2, LRI, BCKI pin)
BCKO, LRO pin)
Fig.1- 1 I/O Equivalent Circuits
*3 SDA becomes Open-Drain at the time of the output of I2C.
Input
pin
VDDR
VDDC
VSSC
VDDR
VSSR
Output
pin
VDDC
VDDO
XO
pin
VSSO
VSSC
XI
pin


Similar Part No. - NJU26131

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
NJU26108 NJRC-NJU26108 Datasheet
222Kb / 6P
   SRS CSII 5.1 AND TruSurround XT Decoder
NJU26108FR1 NJRC-NJU26108FR1 Datasheet
222Kb / 6P
   SRS CSII 5.1 AND TruSurround XT Decoder
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
More results

Similar Description - NJU26131

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Hardware Specification
logo
NXP Semiconductors
MPC853TEC NXP-MPC853TEC Datasheet
1Mb / 88P
   MPC853T Hardware Specification
Rev. 1, 12/2004
logo
Rohm
BP35C2 ROHM-BP35C2 Datasheet
547Kb / 19P
   BP35C2 Hardware Specification
2018-10-29 Revision 1.0.0
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com