Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX210QL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MX210QL
Description  Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX210QL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MX210QL Datasheet HTML 1Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 2Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 3Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 4Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 5Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 6Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 7Page - List of Unclassifed Manufacturers MX210QL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8
Data Sheet
Pin Definition
VDD - This is the digital power supply input for the MX20XX. The DC voltage should be between 2.70 and
5.25 volts.
VDA - This is the analog power supply input for the MX20XX. VDA should always be connected to VDD.
GND - This is the ground pin for the MX20XX.
AOUTX - This pin is the output of the x-acceleration sensor.
AOUTY - This pin is the output of the y-acceleration sensor.
TOUT - This pin is the buffered output of the temperature sensor. The voltage at TOUT is an indication of the
die temperature. This voltage can be measured and used to compensate out the temperature dependence of
accelerometer sensitivity.
SCK - Standard product is delivered with an Internal Clock option. Ground this pin when operating with the
Internal Clock. The External Clock must be ordered special from the factory.
VREF - A reference voltage is output from this pin.
®MEMSIC, Inc. 2000.
100 Burtt Road, Andover, MA 01810
Tel: 978.623.8188
Fax: 978.623.9945
www.memsic.com
MX210Q
MX210Q ANALOG Data Sheet N 8/1/01


Similar Part No. - MX210QL

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MX21 SENSATA-MX21 Datasheet
1Mb / 3P
   Standup Mount
logo
CML Microcircuits
MX214 CMLMICRO-MX214 Datasheet
238Kb / 17P
   Variable Split Band Inverter
MX214J CMLMICRO-MX214J Datasheet
238Kb / 17P
   Variable Split Band Inverter
MX214LH CMLMICRO-MX214LH Datasheet
238Kb / 17P
   Variable Split Band Inverter
MX214P CMLMICRO-MX214P Datasheet
238Kb / 17P
   Variable Split Band Inverter
More results

Similar Description - MX210QL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX205Q ETC1-MX205Q Datasheet
246Kb / 8P
   Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs
logo
MEMSIC Semiconductor (T...
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
   Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
MXR7150VW MEMSIC-MXR7150VW Datasheet
257Kb / 6P
   Low Cost Dual-Axis Accelerometer with Rationmetric Outputs
Rev C
logo
List of Unclassifed Man...
MXA2312A ETC1-MXA2312A Datasheet
573Kb / 8P
   Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
logo
MEMSIC Semiconductor (T...
MXR7305VF MEMSIC-MXR7305VF Datasheet
121Kb / 6P
   Improved Low Cost 짹5 g Dual-Axis Accelerometer with Ratiometric Analog Outputs
Rev.A
logo
List of Unclassifed Man...
MXD202 ETC1-MXD202 Datasheet
239Kb / 8P
   Low Cost, 2.0g, Dual Axis Accelerometer with Digital Outputs
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
   Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
   Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com