Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6903 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6903
Description  1kHz - 68MHz Serial Port Programmable Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6903 Datasheet(HTML) 2 Page - Linear Technology

  LTC6903 Datasheet HTML 1Page - Linear Technology LTC6903 Datasheet HTML 2Page - Linear Technology LTC6903 Datasheet HTML 3Page - Linear Technology LTC6903 Datasheet HTML 4Page - Linear Technology LTC6903 Datasheet HTML 5Page - Linear Technology LTC6903 Datasheet HTML 6Page - Linear Technology LTC6903 Datasheet HTML 7Page - Linear Technology LTC6903 Datasheet HTML 8Page - Linear Technology LTC6903 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC6903/LTC6904
2
69034fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆fi
Initial Frequency Accuracy
f = 1.039kHz, V+ = 3V, CLOAD = 5pF
±0.75
%
∆f
Total Frequency Accuracy (Note 7)
Single Output Active:
Over All Settings, V+ = 2.7V, CLOAD = 5pF
0.5
1.1
%
Over All Settings, V+ = 5.5V, CLOAD = 5pF
0.5
1.6
%
LTC6903CMS8, LTC6904CMS8:
Over All Settings, V+ = 2.7V, CLOAD = 5pF
q
0.5
1.65
%
Over All Settings, V+ = 5.5V, CLOAD = 5pF
q
0.5
2
%
LTC6903HMS8, LTC6903IMS8,
LTC6904HMS8, LTC6904IMS8:
Over All Settings, V+ = 2.7V, CLOAD = 5pF
q
0.5
1.9
%
Over All Settings, V+ = 5.5V, CLOAD = 5pF
q
0.5
2.2
%
fMAX
Maximum Operating Frequency
68
MHz
fMIN
Minimum Operating Frequency
1.039
kHz
∆f/∆T
Frequency Drift Over Temperature
10
ppm/
°C
∆f/∆V
Frequency Drift Over Supply
0.05
%/V
Long Term Frequency Stability
300
ppm/
√kHr
Timing Jitter
1.039kHz to 8.5MHz
0.4
%
(See Graph)
1.039kHz to 68MHz
1
%
Duty Cycle
1.039kHz to 1MHz
q
49
50
51
%
1.039kHz to 68MHz
50
%
ROUT
Output Resistance
CLK, CLK Pins, V+ = 2.7V
45
VOH
High Level Output Voltage
V+ = 5.5V, 4mA Load
q
4.8
5.3
V
V+ = 2.7V, 4mA Load
q
2
2.3
V
V+ = 5.5V, 1mA Load
q
5.2
5.45
V
V+ = 2.7V, 1mA Load
q
2.3
2.55
V
VOL
Low Level Output Voltage
V+ = 5.5V, 4mA Load
q
0.15
0.3
V
V+ = 2.7V, 4mA Load
q
0.25
0.45
V
V+ = 5.5V, 1mA Load
q
0.05
0.15
V
V+ = 2.7V, 1mA Load
q
0.05
0.2
V
Total Supply Voltage (V+ to GND) .............................. 6V
Maximum Voltage on any Pin
........................... (GND – 0.3V)
≤ VPIN ≤ (V+ + 0.3V)
Output Short Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3)
LTC6903CMS8/LTC6904CMS8 ........... –40
°C to 85°C
LTC6903IMS8/LTC6904IMS8 ............. –40
°C to 85°C
LTC6903HMS8/LTC6904HMS8 ......... –40
°C to 125°C
Specified Temperature Range (Note 4)
LTC6903CMS8/LTC6904CMS8 ........... –40
°C to 85°C
LTC6903IMS8/LTC6904IMS8 ............. –40
°C to 85°C
LTC6903HMS8/LTC6904HMS8 ......... –40
°C to 125°C
Storage Temperature Range .................. –65
°C to 150°C
Lead Temperature (Soldering, 10sec)................... 300
°C
ORDER PART
NUMBER
MS8 PART MARKING*
TJMAX = 150°C, θJA = 200°C/W
LTABN
LTAES
LTC6903CMS8
LTC6903IMS8
LTC6903HMS8
LTC6904CMS8
LTC6904IMS8
LTC6904HMS8
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.7V to 5.5V, GND = 0V, unless otherwise noted.
*The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
GND
SDI
SCK
SEN/ADR*
8
7
6
5
V+
OE
CLK
CLK
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
* SEN (LTC6903)
ADR (LTC6904)


Similar Part No. - LTC6903

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6903 LINER-LTC6903 Datasheet
470Kb / 28P
   isoSPI Isolated Communications Interface Very Low EMI Susceptibility and Emissions
LTC6903 LINER-LTC6903 Datasheet
245Kb / 14P
   1kHz to 68MHz Serial Port Programmable Oscillator
LTC6903 LINER-LTC6903_15 Datasheet
245Kb / 14P
   1kHz to 68MHz Serial Port Programmable Oscillator
More results

Similar Description - LTC6903

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6903 LINER-LTC6903_15 Datasheet
245Kb / 14P
   1kHz to 68MHz Serial Port Programmable Oscillator
LTC6904 LINER-LTC6904_15 Datasheet
245Kb / 14P
   1kHz to 68MHz Serial Port Programmable Oscillator
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
   1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
   1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
   Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
logo
Analog Devices
AD2S99 AD-AD2S99_17 Datasheet
351Kb / 9P
   Programmable Oscillator
logo
Dallas Semiconductor
DS1050 DALLAS-DS1050 Datasheet
231Kb / 17P
   5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
   Programmable Oscillator
logo
Analog Devices
AD2S99APZ AD-AD2S99APZ Datasheet
320Kb / 8P
   Programmable Oscillator
REV. B
AD2S99BPZ AD-AD2S99BPZ Datasheet
320Kb / 8P
   Programmable Oscillator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com