Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-04204 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 5962-04204
Description  2.0 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-04204 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  5962-04204 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5962-04204 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5962-04204 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5962-04204 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-04204 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-04204 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-04204 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-04204 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-04204 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Notes:
1. No derating required for typical case-to-ambient thermal resistance (
θ
CA=140°C/W). Refer to Figure 35.
2. Maximum pulse width = 10
µs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with I
O peak minimum =
2.0A. See Applications section for additional details on limiting IOH peak.
3. Derate linearly above 102
°C free air temperature at a rate of 6mW/°C for typical case-to-ambient thermal resistance (θ
CA=140°C/W). Refer to Figure 36.
4. Derate linearly above 102
°C free air temperature at a rate of 6mW/°C for typical case-to-ambient thermal resistance (θ
CA=140°C/W). Refer to Figure 35
and 36.
ESD Classification
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-65
+150
°C
Operating Temperature
TA
-55
+125
°C
Case Temperature
TC
+145
°C
Junction Temperature
TJ
+150
°C
Lead Solder Temperature
260 for 10s
°C
Average Input Current
IF AVG
25
mA
1
Peak Transient Input Current
(<1
µs pulse width, 300 pps)
IF PK
1.0
A
Reverse Input Voltage
VR
5V
“High” Peak Output Current
IOH (PEAK)
2.5
A
2
“Low” Peak Output Current
IOL (PEAK)
2.5
A
2
Supply Voltage
(VCC-VEE)0
35
V
Output Voltage
VO (PEAK)
0VCC
V
Emitter Power Dissipation
PE
45
mW
1
Output Power Dissipation
PO
250
mW
3
Total Power Dissipation
PT
295
mW
4
MIL-STD-883, Method 3015
(), Class 1
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
(VCC – VEE)
1530Volts
Input Current (ON)
IF (ON)
10
18
mA
Input Voltage (OFF)
VF (OFF)
-3.0
0.8
Volts
Operating Temperature
TA
-55
125
°C


Similar Part No. - 5962-04204

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
5962-04204 BOARDCOM-5962-04204 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
More results

Similar Description - 5962-04204

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com