Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7304A Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7304A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7304A Datasheet(HTML) 4 Page - Analog Devices

  ADV7304A Datasheet HTML 1Page - Analog Devices ADV7304A Datasheet HTML 2Page - Analog Devices ADV7304A Datasheet HTML 3Page - Analog Devices ADV7304A Datasheet HTML 4Page - Analog Devices ADV7304A Datasheet HTML 5Page - Analog Devices ADV7304A Datasheet HTML 6Page - Analog Devices ADV7304A Datasheet HTML 7Page - Analog Devices ADV7304A Datasheet HTML 8Page - Analog Devices ADV7304A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
REV. A
–4–
ADV7304A/ADV7305A
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions
PROGRESSIVE SCAN MODE
Luma Bandwidth
12.5
MHz
Chroma Bandwidth
5.8
MHz
SNR
64
dB
Luma Ramp Unweighted
SNR
82
dB
Flat Field up to 5 MHz
SNR
79
dB
Flat Field Full Bandwidth
HDTV MODE
Luma Bandwidth
30
MHz
Chroma Bandwidth
13.75
MHz
SNR
64
dB
Luma Ramp Unweighted
SNR
82
dB
Flat Field up to 5 MHz
SNR
79
dB
Flat Field Full Bandwidth
STANDARD DEFINITION MODE
Hue Accuracy
0.6
Degrees
Color Saturation Accuracy
0.5
%
Chroma Nonlinear Gain
±0.4
%
Referenced to 40 IRE
Chroma Nonlinear Phase
±0.4
Degrees
Chroma/Luma Intermodulation
0
%
Chroma/Luma Gain Inequality
±98.5
%
Chroma/Luma Delay Inequality
0.6
ns
Luminance Nonlinearity
±0.1
%
Chroma AM Noise
87.2
dB
Chroma PM Noise
78.4
dB
Differential Gain
0.07
%
NTSC
Differential Phase
0.13
Degrees
NTSC
SNR
64
dB
Luma Ramp
SNR
82
dB
Flat Field up to 5 MHz
SNR
79
dB
Flat Field Full Bandwidth
Specifications subject to change without notice.
(VAA = VDD = 2.375 V–2.625 V, VDD_IO = 2.375 V–3.600 V, VREF = 1.235 V, RSET = 1520
,
RLOAD = 150
, TMIN to TMAX (0 C to 70 C), unless otherwise noted.)


Similar Part No. - ADV7304A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7300AKST AD-ADV7300AKST Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7301A AD-ADV7301A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7301AKST AD-ADV7301AKST Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results

Similar Description - ADV7304A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com