Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN2007Z Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXTN2007Z
Description  30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN2007Z Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXTN2007Z Datasheet HTML 1Page - Zetex Semiconductors ZXTN2007Z Datasheet HTML 2Page - Zetex Semiconductors ZXTN2007Z Datasheet HTML 3Page - Zetex Semiconductors ZXTN2007Z Datasheet HTML 4Page - Zetex Semiconductors ZXTN2007Z Datasheet HTML 5Page - Zetex Semiconductors ZXTN2007Z Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXTN2007Z
SEMICO NDUC TORS
ISSUE 1 - JUNE 2005
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient
(a)
R JA
83
°C/W
Junction to ambient
(b)
R JA
60
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
(b) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
THERMAL RESISTANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-base voltage
BVCBO
80
V
Collector-emitter voltage
BVCEO
30
V
Emitter-base voltage
BVEBO
7V
Continuous collector current
(a)
IC
6A
Peak pulse current
ICM
20
A
Power dissipation at TA =25°C
(a)
Linear derating factor
PD
1.5
12
W
mW/°C
Power dissipation at TA =25°C
(b)
Linear derating factor
PD
2.1
16.8
W
mW/°C
Operating and storage temperature range
Tj,Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - ZXTN2007Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007ZTA DIODES-ZXTN2007ZTA Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results

Similar Description - ZXTN2007Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T849Z DIODES-ZX5T849Z Datasheet
128Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZX5T849Z ZETEX-ZX5T849Z Datasheet
119Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2008Z DIODES-ZXTP2008Z Datasheet
120Kb / 6P
   30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2008Z DIODES-ZXTP2008Z_15 Datasheet
120Kb / 6P
   30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T949Z DIODES-ZX5T949Z Datasheet
127Kb / 6P
   MPPS??30V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2005Z ZETEX-ZXTN2005Z Datasheet
105Kb / 6P
   25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com