Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3B3384QE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3B3384QE
Description  3.3V, 10-Bit, 2-Port, NanoSwitch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3384QE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3B3384QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3384QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3384QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3384QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3384QE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PI3B3384, PI3B32384(25
Ω)
3.3V, 10-Bit, 2-Port NanoSwitch
5
PS8161F
09/23/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
ApplicationsInformation
LogicInputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a + 3.3V supply, IN may be
driven low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-SupplySequencingandHot-PlugInformation
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to
input/output or control pins.
Rail-to-Rail is a registeredtrademark of Nippon Motorola, Ltd.
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
OrderingInformation
OrderingCode
PackageCode
PackageType
PI3B3384Q
Q
24-pinQSOP
PI3B3384QE
Q
Pb-free & Green, 24-pin QSOP
PI3B3384L
L
24-pinTSSOP
PI3B3384LE
L
Pb-free & Green, 24-pin TSSOP
PI3B32384Q
Q
24-pinQSOP
PI3B32384QE
Q
Pb-free & Green, 24-pin QSOP
PI3B32384L
L
24-pinTSSOP
PI3B32384LE
L
Pb-free & Green, 24-pin TSSOP
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com


Similar Part No. - PI3B3384QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3383 PERICOM-PI3B3383 Datasheet
53Kb / 5P
   3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PI3B3383L PERICOM-PI3B3383L Datasheet
53Kb / 5P
   3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PI3B3383Q PERICOM-PI3B3383Q Datasheet
53Kb / 5P
   3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
More results

Similar Description - PI3B3384QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B16861 PERICOM-PI3B16861 Datasheet
182Kb / 5P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B32X384 PERICOM-PI3B32X384_06 Datasheet
308Kb / 4P
   3.3V, 20-Bit, 2-Port NanoSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com