Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6043BAUT25 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6043BAUT25
Description  Precision High-Voltage Reference in SOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6043BAUT25 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6043BAUT25 Datasheet HTML 1Page - Maxim Integrated Products MAX6043BAUT25 Datasheet HTML 2Page - Maxim Integrated Products MAX6043BAUT25 Datasheet HTML 3Page - Maxim Integrated Products MAX6043BAUT25 Datasheet HTML 4Page - Maxim Integrated Products MAX6043BAUT25 Datasheet HTML 5Page - Maxim Integrated Products MAX6043BAUT25 Datasheet HTML 6Page - Maxim Integrated Products MAX6043BAUT25 Datasheet HTML 7Page - Maxim Integrated Products MAX6043BAUT25 Datasheet HTML 8Page - Maxim Integrated Products MAX6043BAUT25 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX6043 precision voltage reference provides
accurate preset +2.5V, +3.3V, +4.096V, +5.0V, and
+10V reference voltages from up to +40V input volt-
ages. The MAX6043 features a proprietary temperature
coefficient curvature-correction circuit and laser-
trimmed thin-film resistors that result in a very low tem-
perature coefficient of 15ppm/°C (max) and excellent
initial accuracy of 0.05% (max). Low temperature drift
and low noise make the MAX6043 ideal for use with
high-resolution A/D or D/A converters.
The MAX6043 draws 320µA of supply current and
sources 10mA or sinks 0.6mA of load current. The
MAX6043 uses bandgap technology for low-noise per-
formance and excellent accuracy. The MAX6043 does
not require an output bypass capacitor for stability, and
is stable with capacitive loads up to 100µF. Eliminating
the output bypass capacitor saves valuable board area
in space-critical applications. The supply-independent,
low supply current makes the MAX6043 ideal for bat-
tery-operated, high-performance systems.
The MAX6043 is available in a 6-pin SOT23 package
and operates over the automotive (-40°C to +125°C)
temperature range.
Applications
Analog-to-Digital Converters
Digital-to-Analog Converters
Digital Voltmeters
Voltage Regulators
Threshold Detectors
Features
o +2.5V, +3.3V, +4.096V, +5.0V, or +10V Output
Voltages
o Excellent Temperature Stability: 15ppm/°C (max)
o Tight Initial Accuracy: 0.05% (max)
o Tiny SOT23 Package
o Wide +4.5V to +40V Supply Voltage Range
o Low Noise: 4µVP-P (typ at 2.5V Output)
o Short-Circuit Protected
o Wide Operating Temperature Range
-40°C to +125°C
o Stable with Capacitive Loads from 0 to 100µF
o No External Capacitors Required for Stability
Precision High-Voltage Reference in SOT23
________________________________________________________________ Maxim Integrated Products
1
19-3036; Rev 1; 5/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX6043AAUT25-T
-40°C to +125°C
6 SOT23-6
ABRZ
MAX6043BAUT25-T
-40°C to +125°C
6 SOT23-6
ABDQ
MAX6043CAUT25-T
-40°C to +125°C
6 SOT23-6
ABDR
Ordering Information continued at end of data sheet.
Typical Operating Circuit appears at end of data sheet.
Selector Guide
PART
OUTPUT
VOLTAGE
(V)
TEMPCO
(ppm/
oC)
-40
oC to
+125
oC
INITIAL
ACCURACY
(%)
MAX6043AAUT25
2.5
15
0.06
MAX6043BAUT25
2.5
20
0.1
MAX6043CAUT25
2.5
65
0.5
MAX6043AAUT33
3.3
15
0.06
MAX6043BAUT33
3.3
20
0.1
MAX6043CAUT33
3.3
65
0.5
MAX6043AAUT41
4.096
15
0.06
MAX6043BAUT41
4.096
20
0.1
MAX6043CAUT41
4.096
65
0.5
MAX6043AAUT50
5.0
15
0.06
MAX6043BAUT50
5.0
20
0.1
MAX6043CAUT50
5.0
65
0.5
MAX6043AAUT10
10.0
15
0.05
MAX6043BAUT10
10.0
20
0.1
MAX6043CAUT10
10.0
65
0.5
GND
IN
I.C.*
*INTERNALLY CONNECTED. DO NOT CONNECT.
16
OUTS
5
OUTF
I.C.*
MAX6043
SOT23-6
TOP VIEW
2
34
Pin Configuration


Similar Part No. - MAX6043BAUT25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
More results

Similar Description - MAX6043BAUT25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6006 MAXIM-MAX6006_12 Datasheet
275Kb / 8P
   1μA SOT23 Precision ShuntVoltage Reference
Rev 1; 7/12
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com