Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEP14DTR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100LVEP14DTR2
Description  Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP14DTR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVEP14DTR2 Datasheet HTML 1Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 2Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 3Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 4Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 5Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 6Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 7Page - ON Semiconductor MC100LVEP14DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
May, 2000 – Rev. 1
1
Publication Order Number:
MC100LVEP14/D
MC100LVEP14
Low-Voltage 1:5 Differential
LVECL/LVPECL/LVEPECL/HSTL
Clock Driver
The MC100LVEP14 is a low skew 1–to–5 differential driver, designed
with clock distribution in mind, accepting two clock sources into an input
multiplexer. The LVECL/LVPECL input signals can be either differential
or single–ended (if the VBB output is used). HSTL inputs can be used
when the LVEP14 is operating under LVPECL conditions.
The LVEP14 specifically guarantees low output–to–output skew.
Optimal design, layout, and processing minimize skew within a device and
from lot to lot.
To ensure that the tight skew specification is realized, both sides of
any differential output need to be terminated identically into 50
W even
if only one side is being used. When fewer than all five pairs are used,
identically terminate all the output pairs on the same package side
whether used or unused. If no outputs on a single side are used, then
leave these outputs open (unterminated). This will maintain minimum
output skew. Failure to do this will result in a 10–20ps loss of skew
margin (propagation delay) in the output(s) in use.
The common enable (EN) is synchronous, outputs are enabled/
disabled in the LOW state. This avoids a runt clock pulse when the
device is enabled/disabled as can happen with an asynchronous
control. The internal flip flop is clocked on the falling edge of the input
clock, therefore all associated specification limits are referenced to the
negative edge of the clock input.
The MC100LVEP14, as with most other LVECL devices, can be
operated from a positive VCC supply in LVPECL mode. This allows
the LVEP14 to be used for high performance clock distribution in
+3.3V or +2.5V systems. Single ended input operation is limited to a
VCC ≥ 3.0V in LVPECL mode, or VEE ≤ –3.0V in LVECL mode.
Designers can take advantage of the LVEP14’s performance to
distribute low skew clocks across the backplane or the board. For more
information, refer to Application Note AN1406/D.
100ps Part–to–Part Skew
25ps Output–to–Output Skew
Differential Design
400ps Typical Propagation Delay
High Bandwidth to 1.5 Ghz Typical
LVPECL and HSTL mode: +2.375V to +3.8V VCC with VEE = 0V
LVECL mode: 0V VCC with VEE = –2.375V to –3.8V
75kΩ Internal Pulldown CLKs, Pull up & Pulldown CLKs
ESD Protection: >2KV HBM; >100V MM
Moisture Sensitivity Level 2
For Additional Information, See Application Note AND8003/D
Flammability Rating: UL–94 code V–0 @ 1/8”, Oxygen Index 28 to 34
Transistor Count = 357 devices
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC100LVEP14DT
TSSOP
75 Units/Tray
MC100LVEP14DTR2
TSSOP
2500 Tape & Reel
TSSOP–20
DT SUFFIX
CASE 948E
MARKING DIAGRAM*
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D
100
VP14
ALYW
20
1
VP = LVEP


Similar Part No. - MC100LVEP14DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP14DTR2 ONSEMI-MC100LVEP14DTR2 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14DTR2G ONSEMI-MC100LVEP14DTR2G Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14DTR2G ONSEMI-MC100LVEP14DTR2G Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
More results

Similar Description - MC100LVEP14DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
   2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
Maxim Integrated Produc...
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com