Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT3967 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NT3967
Description  TFT LCD Source Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT3967 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NT3967 Datasheet HTML 1Page - List of Unclassifed Manufacturers NT3967 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT3967 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT3967 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT3967 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT3967 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT3967 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT3967 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT3967 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NT3967
TFT LCD Source Driver
Version 1.0
1
DEC 7 ,2001
Features
n Output: 402 output channels
n 6-bit resolution /64 gray scales
n Dot inversion with polarity control
n V1 ~ V10 for adjusting Gamma correction
n Power for analog circuit: 6.5 ~ 10 V
n Output dynamic range: 0.1 ~ AVDD-0.1V
n Power consumption of analog circuit: 3 mA
n Power for interface circuit: 2.5~3.6V
n Operating frequency: 65MHz
n Output deviation: 10 ~ 20mV
n Data inversion for reducing EMI
n Cascade function with bi-direction shift control
n CMOS silicon gate ( p-type substrate )
n TCP package
General Description
The NT3967 is a data driver IC for a color TFT LCD panel, SVGA(800*600) and UXGA(1600*1200) applications. For better
performance, dot inversion and a wide range voltage output are designed in this chip and for reducing EMI, data inversion
control is used. This chip supplies 10 sections of voltage-reference for Gamma correction.
Block diagram
67-bit Shift Register
18
6
6
D10 ~ D15
6
D00 ~ D05
Decoder
Line Latch ( 402 X 6 bits X 2 )
6
OUT1
6
OUT2
6
OUT3
6
OUT402
6
OUT401
Out Driver Buffer ( 402 channels )
Digit to Analog Converter
1
67
DIO1
DIO2
CLK
REV2
10
V1 ~ V10
LD
D20 ~ D25
Level Shift
6
SHL
POL
Vcc
GND
AVDD
AVSS
6
6
6
6
6
D30 ~ D35
6
D40 ~ D45
6
D50 ~ D55
Decoder
18
REV1


Similar Part No. - NT3967

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3966 ETC1-NT3966 Datasheet
102Kb / 11P
   TFT LCD SOURCE DRIVER
More results

Similar Description - NT3967

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3980 ETC-NT3980 Datasheet
119Kb / 13P
   TFT LCD Source Driver
NT3966 ETC1-NT3966 Datasheet
102Kb / 11P
   TFT LCD SOURCE DRIVER
logo
Hynix Semiconductor
HM10S801A HYNIX-HM10S801A Datasheet
209Kb / 22P
   CMOS TFT-LCD SOURCE DRIVER
logo
Princeton Technology Co...
PT16103 PTC-PT16103 Datasheet
514Kb / 5P
   480CH TFT LCD Source Driver
logo
Hynix Semiconductor
HM10S604 HYNIX-HM10S604 Datasheet
249Kb / 16P
   CMOS TFT-LCD SOURCE DRIVER
logo
Princeton Technology Co...
PT16102 PTC-PT16102 Datasheet
628Kb / 7P
   804CH TFT LCD Source Driver
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com