Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27H512-35ZC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY27H512-35ZC
Description  64K x 8 High-Speed CMOS EPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27H512-35ZC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY27H512-35ZC Datasheet HTML 1Page - Cypress Semiconductor CY27H512-35ZC Datasheet HTML 2Page - Cypress Semiconductor CY27H512-35ZC Datasheet HTML 3Page - Cypress Semiconductor CY27H512-35ZC Datasheet HTML 4Page - Cypress Semiconductor CY27H512-35ZC Datasheet HTML 5Page - Cypress Semiconductor CY27H512-35ZC Datasheet HTML 6Page - Cypress Semiconductor CY27H512-35ZC Datasheet HTML 7Page - Cypress Semiconductor CY27H512-35ZC Datasheet HTML 8Page - Cypress Semiconductor CY27H512-35ZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY27H512
PRELIMINARY
4
Switching Characteristics Over the Operating Range
27H512-25 27H512-30 27H512-35 27H512-45 27H512-55 27H512-70
Parameter
Description
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Unit
tAA
Address to Output
Valid
25
30
35
45
55
70
ns
tOE
OE Active to
Output Valid
12
15
15
15
20
25
ns
tHZOE
OE Inactive to
High Z
12
15
15
15
20
25
ns
tCE
CE Active to
Output Valid
30
35
35
45
55
70
ns
tHZCE
CE Inactive to
High Z
12
15
15
15
20
25
ns
tPU
CE Active to
PowerUp
0
0
0
0
0
0
ns
tPD
CE Inactive to
PowerDown
30
35
40
40
50
60
ns
tOH
Output Data Hold
0
0
0
0
0
0
ns
Switching Waveform
H5127
tPU
tCE
tAA
tPD
CE
O0 -O7
A0 - A15
OE
ICC
ADDR A
ADDR B
tAA
DATA A
DATA B
DATA B
tHZOE
tOE
tHZCE
tOH


Similar Part No. - CY27H512-35ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27H010-25JC CYPRESS-CY27H010-25JC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-25ZC CYPRESS-CY27H010-25ZC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30JC CYPRESS-CY27H010-30JC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30PC CYPRESS-CY27H010-30PC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
CY27H010-30WC CYPRESS-CY27H010-30WC Datasheet
212Kb / 9P
   128K x 8 High-Speed CMOS EPROM
More results

Similar Description - CY27H512-35ZC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
ATMEL Corporation
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com