Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEL51D Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100LVEL51D
Description  Differential Clock D Flip-Flop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL51D Datasheet(HTML) 2 Page - ON Semiconductor

  MC100LVEL51D Datasheet HTML 1Page - ON Semiconductor MC100LVEL51D Datasheet HTML 2Page - ON Semiconductor MC100LVEL51D Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC100LVEL51
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
4–2
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
30
35
30
35
30
35
32
37
mA
VEE
Power Supply Voltage
–3.0
–3.3
–3.8
–3.0
–3.3
–3.8
–3.0
–3.3
–3.8
–3.0
–3.3
–3.8
V
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current CLK
Other
–600
0.5
–600
0.5
–600
0.5
–600
0.5
µA
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle
Frequency
2.7
2.9
2.9
2.9
GHz
tPLH
tPHL
Propagation Delay
to Output
CLK
R
330
340
510
540
330
340
510
540
340
350
520
550
370
390
550
590
ps
tS
Setup Time
150
0
150
0
150
0
150
0
ps
tH
Hold Time
200
100
200
100
200
100
200
100
ps
tRR
Reset Recovery
350
200
350
200
350
200
350
200
ps
tPW
Minimum Pulse
CLK
Width
Reset
400
500
400
500
400
500
400
500
ps
VPP
Minimum Input Swing1
150
150
150
150
mV
VCMR
Common Mode Range2
VPP < 500mV
VPP ≥ 500mV
–2.0
–1.8
–0.4
–0.4
–2.1
–1.9
–0.4
–0.4
–2.1
–1.9
–0.4
–0.4
–2.1
–1.9
–0.4
–0.4
V
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
120
320
120
320
120
320
120
320
ps
1. Minimum input swing for which AC parameters are guaranteed.
2. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within
the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The
numbers in the spec table assume a nominal VEE = –3.3V. Note for PECL operation, the VCMR(min) will be fixed at 3.3V – |VCMR(min)|.


Similar Part No. - MC100LVEL51D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL51D ONSEMI-MC100LVEL51D Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
MC100LVEL51D ONSEMI-MC100LVEL51D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL51DG ONSEMI-MC100LVEL51DG Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
MC100LVEL51DG ONSEMI-MC100LVEL51DG Datasheet
172Kb / 9P
   3.3V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC100LVEL51DR2 ONSEMI-MC100LVEL51DR2 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
More results

Similar Description - MC100LVEL51D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51 Datasheet
80Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51 Datasheet
50Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
SY10EL51 MICREL-SY10EL51_05 Datasheet
52Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
MC100LVEL51 ONSEMI-MC100LVEL51_06 Datasheet
140Kb / 8P
   3.3V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 4
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52 Datasheet
49Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51_06 Datasheet
152Kb / 9P
   5V ECL Differential Clock D Flip-Flop
December, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51_12 Datasheet
156Kb / 11P
   ECL D Flip-Flop with Reset and Differential Clock
November, 2012 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com