Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8715 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8715
Description  Low-Noise Step-Up DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8715 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8715 Datasheet HTML 6Page - Maxim Integrated Products MAX8715 Datasheet HTML 7Page - Maxim Integrated Products MAX8715 Datasheet HTML 8Page - Maxim Integrated Products MAX8715 Datasheet HTML 9Page - Maxim Integrated Products MAX8715 Datasheet HTML 10Page - Maxim Integrated Products MAX8715 Datasheet HTML 11Page - Maxim Integrated Products MAX8715 Datasheet HTML 12Page - Maxim Integrated Products MAX8715 Datasheet HTML 13Page - Maxim Integrated Products MAX8715 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Low-Noise Step-Up DC-DC Converters
______________________________________________________________________________________
11
ratio of inductor resistance to other power path resis-
tances, the best LIR can shift up or down. If the induc-
tor resistance is relatively high, more ripple can be
accepted to reduce the number of turns required and
increase the wire diameter. If the inductor resistance is
relatively low, increasing inductance to lower the peak
current can decrease losses throughout the power
path. If extremely thin high-resistance inductors are
used, as is common for LCD-panel applications, the
best LIR can increase to between 0.5 and 1.0.
Once a physical inductor is chosen, higher and lower
values of the inductor should be evaluated for efficiency
improvements in typical operating regions.
Calculate the approximate inductor value using the typ-
ical input voltage (VIN), the maximum output current
(IMAIN(MAX)), the expected efficiency (
ηTYP) taken from
an appropriate curve in the Typical Operating
Characteristics, and an estimate of LIR based on the
above discussion:
Choose an available inductor value from an appropriate
inductor family. Calculate the maximum DC input cur-
rent at the minimum input voltage VIN(MIN) using con-
servation of energy and the expected efficiency at that
operating point (
ηMIN) taken from an appropriate curve
in the Typical Operating Characteristics:
Calculate the ripple current at that operating point and
the peak current required for the inductor:
The inductor’s saturation current rating and the
MAX1790/MAX8715s’ LX current limit (ILIM) should
exceed IPEAK and the inductor’s DC current rating should
exceed IIN(DC,MAX). For good efficiency, choose an
inductor with less than 0.1
Ω series resistance.
Considering the application circuit in Figure 4, the maxi-
mum load current (IMAIN(MAX)) is 150mA with a 9V output
and a typical input voltage of 3.3V. Choosing an LIR of 0.5
and estimating efficiency of 85% at this operating point:
Using the circuit’s minimum input voltage (3V) and esti-
mating efficiency of 80% at that operating point:
The ripple current and the peak current are:
Diode Selection
The output diode should be rated to handle the output
voltage and the peak switch current. Make sure that the
diode’s peak current rating is at least IPK and that its
breakdown voltage exceeds VOUT. Schottky diodes are
recommended.
Input and Output Capacitor Selection
Low-ESR capacitors are recommended for input
bypassing and output filtering. Low-ESR tantalum
capacitors are a good compromise between cost and
performance. Ceramic capacitors are also a good
choice. Avoid standard aluminum electrolytic capaci-
tors. A simple equation to estimate input and output-
capacitor values for a given voltage ripple is as follows:
where VRIPPLE is the peak-to-peak ripple voltage on the
capacitor.
Output Voltage
The MAX1790/MAX8715 operate with an adjustable
output from VIN to 13V. Connect a resistor voltage-
divider to FB (see the Typical Operating Circuit) from
the output to GND. Select the resistor values as follows:
where VFB, the boost-regulator feedback set point, is
1.24V. Since the input bias current into FB is typically 0,
RR
V
V
OUT
FB
12
1
=−
⎝⎜
⎠⎟
C
0.5
L
I
V
V
PK
2
RIPPLE
OUT
×× ⎛⎝
×
IA
A
A
PEAK =+
06
025
2
0 725
.
.
.
I
VV
V
H
V
MHz
A
RIPPLE =
×−
××
39
3
68
9
1 2
025
()
..
.
μ
I
AV
V
A
IN DC MAX
(,
)
.
.
.
=
×
×
015
9
30 8
06
L
V
V
VV
A
MHz
H
= ⎛
⎝⎜
⎠⎟
×
⎝⎜
⎠⎟
⎝⎜
⎠⎟
33
9
93 3
015
1 2
085
05
68
2
..
..
.
.
.
μ
II
I
PEAK
IN DC MAX
RIPPLE
=+
(,
)
2
I
VV
V
LV
f
RIPPLE
IN MIN
MAIN
IN MIN
MAIN
OSC
=
×−
××
()
()
()
I
IV
V
IN DC MAX
MAIN MAX
MAIN
IN MIN
MIN
(,
)
()
()
=
×
×η
L
V
V
VV
I
f
LIR
IN
MAIN
MAIN
IN
MAIN MAX
OSC
TYP
=
⎝⎜
⎠⎟
×
⎝⎜
⎠⎟
2
()
η


Similar Part No. - MAX8715

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
MAX8715EUA MAXIM-MAX8715EUA Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
MAX8715EUA++ MAXIM-MAX8715EUA+ Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
More results

Similar Description - MAX8715

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
   Low-Noise Step-up DC-DC Converter
logo
ams AG
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1322 AMSCO-AS1322 Datasheet
551Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com