Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY2ZF Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # LY2ZF
Description  General Purpose Relay
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY2ZF Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button LY2ZF Datasheet HTML 7Page - Omron Electronics LLC LY2ZF Datasheet HTML 8Page - Omron Electronics LLC LY2ZF Datasheet HTML 9Page - Omron Electronics LLC LY2ZF Datasheet HTML 10Page - Omron Electronics LLC LY2ZF Datasheet HTML 11Page - Omron Electronics LLC LY2ZF Datasheet HTML 12Page - Omron Electronics LLC LY2ZF Datasheet HTML 13Page - Omron Electronics LLC LY2ZF Datasheet HTML 14Page - Omron Electronics LLC LY2ZF Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
LY
LY
Socket mounting plates [t=1.52 (.06)]
PYP-1
PTP-1-3
PTP-1
PYP-18
PTP-10
PTP-12
PFP-100N2 mounting track
PFP-S spacer
* This dimension is 14.99 mm (0.59 in) on both ends in the case of PFP-100N, but on one end in the case of PFP-50N.
** L = Length
PFP-50N
............... L = 497.84 mm (19.60 in)
PFP-100N
............... L = 990.60 mm (39.00 in)
PFP-100N2 ............... L = 990.60 mm (39.00 in)
*** A total of twelve 24.89 x 4.57 mm (0.98 x 0.18 in) elliptic holes are provided, with six holes cut from each end of the track at a pitch
of 9.91 (0.39) between holes.
Number of socket specs.
Socket needed
1
10
12
18
PT08, PT08QN
PYP-1
PYP-18
PT11, PT11QN
PTP-1-3
PTP-1-2
_
PT14, PT14QN
PTP-1
PTP-10


Similar Part No. - LY2ZF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2ZF OMRON-LY2ZF Datasheet
719Kb / 16P
   General Purpose Relay
LY2ZF OMRON-LY2ZF Datasheet
679Kb / 16P
   General Purpose Relay
LY2ZF-AC24 OMRON-LY2ZF-AC24 Datasheet
354Kb / 15P
   General Purpose Relay ??LY
More results

Similar Description - LY2ZF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com