Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY2Z-D Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # LY2Z-D
Description  General Purpose Relay
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY2Z-D Datasheet(HTML) 5 Page - Omron Electronics LLC

  LY2Z-D Datasheet HTML 1Page - Omron Electronics LLC LY2Z-D Datasheet HTML 2Page - Omron Electronics LLC LY2Z-D Datasheet HTML 3Page - Omron Electronics LLC LY2Z-D Datasheet HTML 4Page - Omron Electronics LLC LY2Z-D Datasheet HTML 5Page - Omron Electronics LLC LY2Z-D Datasheet HTML 6Page - Omron Electronics LLC LY2Z-D Datasheet HTML 7Page - Omron Electronics LLC LY2Z-D Datasheet HTML 8Page - Omron Electronics LLC LY2Z-D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
LY
LY
s CHARACTERISTICS
Contact resistance
50 m
Ω max.
Operate time
25 ms max.
Release time
25 ms max.
Operating frequency
Mechanically
18,000 operations/hour
Under rated load
1,800 operations/hour
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 minute
1,000 VAC, 50/60 Hz for 1 minute between contacts of same polarity
Vibration
Mechanical durability
10 to 55 Hz, 1.00 mm (0.04 in) double amplitude
Malfunction durability
10 to 55 Hz, 1.00 mm (0.04 in) double amplitude
Shock
Mechanical durability
1,000 m/s2 (approx. 100 G)
Malfunction durability
200 m/s2 (approx. 20 G)
Ambient temperature
Operating
-40
° to 70°C (-40° to 158°F)
Humidity
35 to 85% RH
Service Life
Mechanically
AC: 50 million operations min. (at operating frequency of 18,000 operations/hour)
DC: 100 million operations min. (at operating frequency of 18,000 operations/hour)
Electrically
See “Characteristic Data”
Weight
SPDT, DPDT: Approx. 40 g (1.41 oz), 3PDT: Approx. 50 g (1.76 oz)
4PDT: Approx. 70 g (2.47 oz)
Note:
Data shown are of initial value.
s CHARACTERISTIC DATA
Maximum switching capacity
LY1
LY2
LY3, LY4
LY2Z
Electrical service life
LY1
LY2
LY3, LY4
LY2Z
Rated operating voltage (V)
Rated operating voltage (V)
Rated operating voltage (V)
Rated operating voltage (V)
Rated operating current (A)
Rated operating current (A)
Rated operating current (A)
Rated operating current (A)


Similar Part No. - LY2Z-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2Z-D OMRON-LY2Z-D Datasheet
719Kb / 16P
   General Purpose Relay
LY2Z-D OMRON-LY2Z-D Datasheet
679Kb / 16P
   General Purpose Relay
LY2Z-D OMRON-LY2Z-D Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
LY2Z-D-DC24 OMRON-LY2Z-D-DC24 Datasheet
354Kb / 15P
   General Purpose Relay ??LY
LY2Z-DC12 OMRON-LY2Z-DC12 Datasheet
354Kb / 15P
   General Purpose Relay ??LY
More results

Similar Description - LY2Z-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com