Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2708T Datasheet(PDF) 2 Page - NEC

Part # UPC2708T
Description  3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2708T Datasheet(HTML) 2 Page - NEC

  UPC2708T Datasheet HTML 1Page - NEC UPC2708T Datasheet HTML 2Page - NEC UPC2708T Datasheet HTML 3Page - NEC UPC2708T Datasheet HTML 4Page - NEC UPC2708T Datasheet HTML 5Page - NEC UPC2708T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC
Supply Voltage
V
6
PIN
Input Power
dBm
+10
PT
Power Dissipation2
mW
280
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +150
RECOMMENDED
OPERATING CONDITIONS
SYMBOL
PARAMETER
UNITS
MIN
TYP
MAX
VCC
Supply Voltage
V
4.5
5.0
5.5
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Mounted on 50 x 50 x 1.6 mm epoxy glass PWB (TA = +85
°C).
UPC2708T, UPC2711T
IN
OUT
VCC
1000 pF
1000 pF
1000 pF
2, 3, 5
50
C1
1
6
4
C2
L
1000 nH
*
C3
50
TEST CIRCUIT
-60 -40
-20
0
20
40
60
80
100
40
35
30
25
20
15
10
5
0
UPC2708T
UPC2711T
VCC = 5.0 V
0
1
2
3
4
5
6
40
30
20
10
0
UPC2708T
UPC2711T
CIRCUIT CURRENT vs. VOLTAGE
Operating Temperature, TOP (
°C)
Supply Voltage, VCC (V)
CIRCUIT CURRENT vs. TEMPERATURE
TYPICAL PERFORMANCE CURVES (TA = 25°C)
* UPC2708T only
0.1
0.3
1.0
3.0
20
15
10
5
0
-5
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
NF
Gp
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
8
7
6
5
4
Frequency, f (GHz)
0.1
0.3
1.0
3.0
20
15
10
5
Gp
NF
5.5 V
4.5 V
VCC = 5.5 V
VCC = 5.0 V
VCC = 5.0 V
VCC = 4.5 V
9
8
7
6
5
Frequency, f (GHz)
UPC2711T
GAIN AND NOISE FIGURE
vs. FREQUENCY AND VOLTAGE
UPC2708T
GAIN AND NOISE FIGURE
vs. FREQUENCY AND VOLTAGE


Similar Part No. - UPC2708T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC2708TB CEL-UPC2708TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB CEL-UPC2708TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2708TB CEL-UPC2708TB Datasheet
211Kb / 8P
   5 V, SUPER MINIMOLD WIDEBAND SI RFIC AMPLIFIER
logo
NEC
UPC2708TB NEC-UPC2708TB Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results

Similar Description - UPC2708T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
   1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
   2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
   WIDE BAND UHF SILICON MMIC AMPLIFIER
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
   Wide band MMIC Amplifier
January 2015
logo
M/A-COM Technology Solu...
MAAM28000 MA-COM-MAAM28000 Datasheet
221Kb / 4P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
Tyco Electronics
MAAM28000-A1 MACOM-MAAM28000-A1 Datasheet
126Kb / 2P
   Wide Band GaAs MMIC Amplifier 2-8 GHz
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350 Datasheet
95Kb / 4P
   Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
MAAM02350-A2 MA-COM-MAAM02350-A2 Datasheet
110Kb / 3P
   Wide Band GaAs MMIC Amplifier 0.2 - 3.0 GHz
MAAM28000-A1 MA-COM-MAAM28000-A1 Datasheet
127Kb / 3P
   Wide Band GaAs MMIC Amplifier 2.0 - 8.0 GHz
logo
NEC
UPC1656 NEC-UPC1656 Datasheet
40Kb / 3P
   850 MHz WIDE-BAND SILICON MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com