Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA05-11GWA Datasheet(PDF) 5 Page - Kingbright Corporation

Part # PSA05-11GWA
Description  12.7mm(0.5inch) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

PSA05-11GWA Datasheet(HTML) 5 Page - Kingbright Corporation

  PSA05-11GWA Datasheet HTML 1Page - Kingbright Corporation PSA05-11GWA Datasheet HTML 2Page - Kingbright Corporation PSA05-11GWA Datasheet HTML 3Page - Kingbright Corporation PSA05-11GWA Datasheet HTML 4Page - Kingbright Corporation PSA05-11GWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: CDA0869
REV NO: V.1
DATE: NOV/18/2001
PAGE: 5 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Super Bright Red


Similar Part No. - PSA05-11GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSA05-11GWA KINGBRIGHT-PSA05-11GWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results

Similar Description - PSA05-11GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSA05-12EWA KINGBRIGHT-PSA05-12EWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-11SRWA KINGBRIGHT-PSC05-11SRWA Datasheet
151Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-11YWA KINGBRIGHT-PSC05-11YWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-12GWA KINGBRIGHT-PSC05-12GWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11EWA KINGBRIGHT-PSA05-11EWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11YWA KINGBRIGHT-PSA05-11YWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-12EWA KINGBRIGHT-PSC05-12EWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-12SRWA KINGBRIGHT-PSC05-12SRWA Datasheet
151Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11GWA KINGBRIGHT-PSA05-11GWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-12GWA KINGBRIGHT-PSA05-12GWA Datasheet
152Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com