Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY1N-D2 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # LY1N-D2
Description  General Purpose Relay
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY1N-D2 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button LY1N-D2 Datasheet HTML 2Page - Omron Electronics LLC LY1N-D2 Datasheet HTML 3Page - Omron Electronics LLC LY1N-D2 Datasheet HTML 4Page - Omron Electronics LLC LY1N-D2 Datasheet HTML 5Page - Omron Electronics LLC LY1N-D2 Datasheet HTML 6Page - Omron Electronics LLC LY1N-D2 Datasheet HTML 7Page - Omron Electronics LLC LY1N-D2 Datasheet HTML 8Page - Omron Electronics LLC LY1N-D2 Datasheet HTML 9Page - Omron Electronics LLC LY1N-D2 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
LY
LY
LY1
Terminal
LY2
Terminal
arrangement
arrangement
(Bottom view)
(Bottom view)
Dimensions
Unit: mm (inch)
LY3
Terminal
LY4
Terminal
arrangement
arrangement
(Bottom view)
(Bottom view)
LY1-0, LY2-0, LY3-0, LY4-0
Mounting holes for LY1-0, LY2-0, LY3-0, LY4-0
(Bottom view)
Note:
The above drawing shows LY2-0. With LY1-0,
SPDT
DPDT
3PDT
4PDT
dimension "*" should read as 6.35 (.25).
LY1F, LY2F
Mounting
LY3F
Mounting
holes
holes
Note:
The above drawing shows LY1F. With LY2F, dimension “*
should read as eight 3.05 mm (0.12 in) dia. holes.
s RELAYS


Similar Part No. - LY1N-D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY1N-D2 OMRON-LY1N-D2 Datasheet
719Kb / 16P
   General Purpose Relay
LY1N-D2 OMRON-LY1N-D2 Datasheet
679Kb / 16P
   General Purpose Relay
LY1N-D2 OMRON-LY1N-D2 Datasheet
674Kb / 16P
   General Purpose Relay
LY1N-D2 OMRON-LY1N-D2 Datasheet
1Mb / 16P
   General Purpose Relay
LY1N-D2 OMRON-LY1N-D2 Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
More results

Similar Description - LY1N-D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com