Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28325OC-3T Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY28325OC-3T
Description  FTG for VIA Pentium 4 Chipsets
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28325OC-3T Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY28325OC-3T Datasheet HTML 1Page - Cypress Semiconductor CY28325OC-3T Datasheet HTML 2Page - Cypress Semiconductor CY28325OC-3T Datasheet HTML 3Page - Cypress Semiconductor CY28325OC-3T Datasheet HTML 4Page - Cypress Semiconductor CY28325OC-3T Datasheet HTML 5Page - Cypress Semiconductor CY28325OC-3T Datasheet HTML 6Page - Cypress Semiconductor CY28325OC-3T Datasheet HTML 7Page - Cypress Semiconductor CY28325OC-3T Datasheet HTML 8Page - Cypress Semiconductor CY28325OC-3T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CY28325-3
Document #: 38-07590 Rev. *.*
Page 3 of 19
VTT_PWRGD#
33
I
Power-good from Voltage Regulator Module (VRM): 3.3V LVTTL input.
VTT_PWRGD# is a level sensitive strobe used to determine when FS0:4
and MULTSEL inputs are valid and OK to be sampled (Active LOW). Once
VTT_PWRGD# is sampled LOW, the status of this input will be ignored.
VDD_CPU_CS,
VDD_APIC
43, 48
P
2.5V Power Connection: Power supply for CPU_CS outputs buffers and
APIC output buffers. Connect to 2.5V.
VDD_REF,
VDD_48MHz,
VDD _PCI,
VDD_AGP,
VDD_CPU
2, 6, 16, 24, 38
P
3.3V Power Connection: Power supply for CPU outputs buffers, 3V66
output buffers, PCI output buffers, reference output buffers and 48-MHz
output buffers. Connect to 3.3V.
GND_REF
GND_48MHz,
GND_PCI,
GND_AGP,
GND_CPU,
GND_APIC
3, 9, 13, 20, 25,
36, 44, 47
G
Ground Connection: Connect all ground pins to the common system
ground plane.
Table 1. Frequency Selection Table
Input Conditions
Output Frequency
PLL Gear
Constants
(G)
FS4
FS3
FS2
FS1
FS0
CPU
AGP
PCI
APIC
SEL4
SEL3
SEL2
SEL1
SEL0
0
0
0
0
0
102.0
68.0
34.0
17.0
48.00741
0
0
0
0
1
105.0
70.0
35.0
17.5
48.00741
0
0
0
1
0
108.0
72.0
36.0
18.0
48.00741
0
0
0
1
1
111.0
74.0
37.0
18.5
48.00741
0
0
1
0
0
114.0
76.0
38.0
19.0
48.00741
0
0
1
0
1
117.0
78.0
39.0
19.5
48.00741
0
0
1
1
0
120.0
80.0
40.0
20.0
48.00741
0
0
1
1
1
123.0
82.0
41.0
20.5
48.00741
0
1
0
0
0
126.0
63.0
31.5
18.0
48.00741
0
1
0
0
1
130.0
65.0
32.5
18.5
48.00741
0
1
0
1
0
136.0
68.0
34.0
17.0
48.00741
0
1
0
1
1
140.0
70.0
35.0
17.5
48.00741
0
1
1
0
0
144.0
72.0
36.0
18.0
48.00741
0
1
1
0
1
148.0
74.0
37.0
18.5
48.00741
0
1
1
1
0
152.0
76.0
38.0
19.0
48.00741
0
1
1
1
1
156.0
78.0
39.0
19.5
48.00741
1
0
0
0
0
160.0
80.0
40.0
20.0
48.00741
1
0
0
0
1
164.0
82.0
41.0
20.5
48.00741
1
0
0
1
0
166.6
66.6
33.3
16.7
48.00741
1
0
0
1
1
170.0
68.0
34.0
17.0
48.00741
1
0
1
0
0
175.0
70.0
35.0
17.5
48.00741
1
0
1
0
1
180.0
72.0
36.0
18.0
48.00741
Pin Definitions (continued)
Pin Name
No.
Type
Description


Similar Part No. - CY28325OC-3T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28325OC-3T SPECTRALINEAR-CY28325OC-3T Datasheet
206Kb / 18P
   FTG for VIA??Pentium 4??Chipsets
More results

Similar Description - CY28325OC-3T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28325-3 SPECTRALINEAR-CY28325-3 Datasheet
206Kb / 18P
   FTG for VIA??Pentium 4??Chipsets
logo
Cypress Semiconductor
CY28325-2 CYPRESS-CY28325-2 Datasheet
343Kb / 19P
   FTG for VIA Pentium 4 Chipsets
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28344 SPECTRALINEAR-CY28344 Datasheet
217Kb / 21P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324 Datasheet
184Kb / 23P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28344 CYPRESS-CY28344 Datasheet
197Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28317-2 CYPRESS-CY28317-2 Datasheet
172Kb / 21P
   FTG for Mobile VIA PL133T and PLE133T Chipsets
logo
SpectraLinear Inc
CY28317-2 SPECTRALINEAR-CY28317-2 Datasheet
263Kb / 20P
   FTG for Mobile VIA??PL133T and PLE133T Chipsets
logo
Silicon Laboratories
CY28317-2 SILABS-CY28317-2 Datasheet
216Kb / 20P
   FTG for Mobile VIA??PL133T and PLE133T Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com