Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2525ACPZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2525ACPZ-REEL7
Description  10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2525ACPZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2525ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADN2525ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADN2525ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADN2525ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADN2525ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices ADN2525ACPZ-REEL7 Datasheet HTML 10Page - Analog Devices ADN2525ACPZ-REEL7 Datasheet HTML 11Page - Analog Devices ADN2525ACPZ-REEL7 Datasheet HTML 12Page - Analog Devices ADN2525ACPZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADN2525
Rev. 0 | Page 9 of 16
THEORY OF OPERATION
As shown in Figure 1, the ADN2525 consists of an input stage
and two voltage controlled current sources for bias and modula-
tion. The bias current is available at the IBIAS pin. It is controlled
by the voltage at the BSET pin, and can be monitored at the
IBMON pin. The differential modulation current is available at
the IMODP and IMODN pins. It is controlled by the voltage at
the MSET pin. The output stage implements the active back-
match circuitry for proper transmission line matching and
power consumption reduction. The ADN2525 can drive a load
having differential resistance ranging from 5 Ω to 50 Ω. The
excellent back-termination in the ADN2525 absorbs signal
reflections from the TOSA end of the output transmission lines,
enabling excellent optical eye quality to be achieved even when
the TOSA end of the output transmission lines is significantly
mis-terminated.
INPUT STAGE
The input stage of the ADN2525 converts the data signal applied
to the DATAP and DATAN pins to a level that ensures proper
operation of the high speed switch. The equivalent circuit of the
input stage is shown in Figure 17.
VCC
50
50
VCC
DATAP
DATAN
VCC
Figure 17. Equivalent Circuit of the Input Stage
The DATAP and DATAN pins are terminated internally with a
100 Ω differential termination resistor. This minimizes signal
reflections at the input, which could otherwise lead to degrada-
tion in the output eye diagram. It is not recommended to drive
the ADN2525 with single-ended data signal sources.
The ADN2525 input stage must be ac-coupled to the signal
source to eliminate the need for matching between the common-
mode voltages of the data signal source and the input stage of
the driver (see Figure 18). The ac-coupling capacitors should
have an impedance less than 50 Ω over the required frequency
range. Generally this is achieved using 10 nF to 100 nF capacitors.
ADN2525
DATAP
DATAN
C
C
50
50
DATA SIGNAL SOURCE
Figure 18. AC-Coupling the Data Source to the
ADN2525 Data Inputs
BIAS CURRENT
The bias current is generated internally using a voltage-to-current
converter consisting of an internal operational amplifier and a
transistor as shown in Figure 19.
GND
200
800
2
RR
VCC
IBMON
BSET
IBMON
ADN2525
IBIAS
200
IBIAS
Figure 19. Voltage-to-Current Converter Used to Generate IBIAS
The voltage-to-current conversion factor is set at 100 mA/V by
the internal resistors, and the bias current is monitored using a
current mirror with a gain equal to 1/100. By connecting a 1 kΩ
resistor between IBMON and GND, the bias current can be
monitored as a voltage across the resistor. A low temperature
coefficient precision resistor must be used for the IBMON
resistor (RIBMON). Any error in the value of RIBMON due to toler-
ances, or drift in its value over temperature, contributes to the
overall error budget for the IBIAS monitor voltage. If the IBMON
voltage is being connected to an ADC for A/D conversion,
RIBMON should be placed close to the ADC to minimize errors
due to voltage drops on the ground plane.


Similar Part No. - ADN2525ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2526ACPZ AD-ADN2526ACPZ Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2526ACPZ-R2 AD-ADN2526ACPZ-R2 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2526ACPZ-R7 AD-ADN2526ACPZ-R7 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
More results

Similar Description - ADN2525ACPZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2843 AD-ADN2843 Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2849 AD-ADN2849 Datasheet
1Mb / 10P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
ADN2849 AD-ADN2849_15 Datasheet
1Mb / 17P
   10.7 Gbps Electro-Absorption Modulator Driver
Rev. Pr. G August 2004
logo
Texas Instruments
ONET1151L TI1-ONET1151L Datasheet
1Mb / 31P
[Old version datasheet]   11.3 Gbps Low-Power Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com