Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HG4181012-H2CG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HG4181012-H2CG
Description  Automotive Subminiature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HG4181012-H2CG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HG4181012-H2CG Datasheet HTML 1Page - List of Unclassifed Manufacturers HG4181012-H2CG Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive Subminiature PCB Power Relay
HG4181
FEATURES
Miniaturized structure, light weight
Improved contact capacity
Big gap type available for heavy motor load switching
TYPICAL AUTOMOTIVE APPLICATIONS
Power antenna
Alarm/anti-theft system
Automatic mirror adjustment
Automatic head rest adjustment
Power window
Interval wiper
Slide roof control
CONTACT DATA
Form
Max. Switching Current
Make
Break
Mechanical
Electrical
Material
Initial Contact Resistance
Max. Switching Voltage
Max. Continuous Current
Min. Load
Service Life
1 Form A (H), 1 Form C (Z)
60A
20A
AgNi0.15, AgSnOInO
100 m
Ω max. at 0.1A, 6VDC
16VDC
35A, 10 min; 25A, 1 hr.
0.1A, 12VDC
107 ops.
105 ops.
COIL DATA
Coil Voltage
Code
Nominal
Voltage
(VDC)
Must Operate
Voltage max.
(VDC)
Must Release
Voltage min.
(VDC)
Resistance
(
Ω) ±10%
Standard
Big Gap
006
009
012
024
6
9
12
24
60
135
240
960
45
100
180
720
3.6
5.4
7.3
14.4
0.6
0.9
1.2
2.4
CHARACTERISTICS
Operate Time
Release Time
Insulation Resistance
Dielectric Strength
Shock Resistance
Vibration Resistance
Drop Resistance
Power Consumption
Ambient Temperature
Weight
ORDERING DESIGNATION
Example:
HG4181 /
012 -
H
1
C
G
10 ms. typical
5 ms. typical
100 M
Ω, at 500 VDC, 50%RH
500 Vrms,1 min.
10 g,11ms.
DA 1.5 mm, 10 - 55 Hz
1 M height drop on concrete
Standard: 0.6W; Big Gap: 0.8W
6 g, approx.
-30ºC to 85ºC operating; -40ºC to 100ºC storage
Model
Coil Voltage Code
Contact Form
Version
Contact Material
Nil: AgNi10; A: AgNi0.15; C: AgCdO; S: AgSnOInO
Contact Gap
Nil: Standard; G: Big Gap
1: Sealed; 2: Dust Cover
H: 1 Form A; D: 1 Form B; Z: 1 Form C
HG4181
1/2


Similar Part No. - HG4181012-H2CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
HG4182/012-D ETC1-HG4182/012-D Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
HG4182/012-D4 ETC1-HG4182/012-D4 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
HG4182/012-DA ETC1-HG4182/012-DA Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
HG4182/012-DA4 ETC1-HG4182/012-DA4 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
More results

Similar Description - HG4181012-H2CG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517 Datasheet
196Kb / 2P
   Automotive Subminiature PCB Power Relay
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
   Automotive Subminiature PCB Power Relay
PC635 PICKER-PC635 Datasheet
187Kb / 2P
   Subminiature Automotive PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
   Automotive Subminiature PCB Power Relay
PC236A PICKER-PC236A Datasheet
178Kb / 2P
   Subminiature Automotive PCB Power Relay
logo
Sanyou Corporation Limi...
SARK SANYOU-SARK Datasheet
212Kb / 3P
   Subminiature PCB Automotive Relay
logo
List of Unclassifed Man...
G8SN ETC-G8SN Datasheet
39Kb / 2P
   SubMiniature Automotive PCB Relay
logo
Picker Components
PC558 PICKER-PC558 Datasheet
174Kb / 2P
   Subminiature Automotive PCB Twin Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com