Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2027TQ-E1-A Datasheet(PDF) 2 Page - NEC

Part # UPG2027TQ-E1-A
Description  NECs L-BAND 4W HIGH POWER SPDT SWITCH IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2027TQ-E1-A Datasheet(HTML) 2 Page - NEC

  UPG2027TQ-E1-A Datasheet HTML 1Page - NEC UPG2027TQ-E1-A Datasheet HTML 2Page - NEC UPG2027TQ-E1-A Datasheet HTML 3Page - NEC UPG2027TQ-E1-A Datasheet HTML 4Page - NEC UPG2027TQ-E1-A Datasheet HTML 5Page - NEC UPG2027TQ-E1-A Datasheet HTML 6Page - NEC UPG2027TQ-E1-A Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UPG2027TQ
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (TA=+25ºC, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Control Voltage
Vcont
+
8.0
V
Input Power
Pin
+38
dBm
Operating Ambient Temperature
TA
45 to +85
°
C
Storage Temperature
Tstg
55 to +150
°
C
2027
10 9 8 7 6
1 2 3 4 5
(Top View)
6 7 8 9 10
5 4 3 2 1
(Bottom View)
NC
PIN NO.
PIN NAME
1
Vcont2
2
NC (GND)
3
Common
4
NC (GND)
5
Vcont1
6
RF1
7
NC (GND)
8
NC (GND)
9
NC (GND)
10
RF2
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Control Voltage (High)
Vcont (H)
+2.5
+2.7
+5.0
V
Control Voltage (Low)
Vcont (L)
0
0
+0.2
V
RECOMMENDED OPERATING RANGE (TA =+25ºC)


Similar Part No. - UPG2027TQ-E1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2027TQ-E1 RENESAS-UPG2027TQ-E1 Datasheet
225Kb / 10P
   GaAs INTEGRATED CIRCUIT
2004
More results

Similar Description - UPG2027TQ-E1-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2009TB NEC-UPG2009TB Datasheet
134Kb / 8P
   NECs L, S-BAND 4W SPDT SWITCH
UPG2012TB NEC-UPG2012TB Datasheet
120Kb / 7P
   NECs 1/4W SINGLE CONTROL L-BAND SPDT SWITCH
UPG2179TB NEC-UPG2179TB Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
UPG2030TB NEC-UPG2030TB Datasheet
124Kb / 9P
   NECs 1W L, S-BAND SPDT SWITCH
UPG2006TB NEC-UPG2006TB Datasheet
265Kb / 10P
   NECs 1.8 V L, S-BAND SPDT SWITCH
UPG2189TB NEC-UPG2189TB Datasheet
1Mb / 8P
   L-BAND 4W HIGH POWER SPST SWITCH
logo
California Eastern Labs
UPG2227T5F CEL-UPG2227T5F Datasheet
408Kb / 8P
   NECs L-BAND SP3T SWITCH
logo
NEC
UPG2015TB NEC-UPG2015TB Datasheet
129Kb / 9P
   NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2214TB NEC-UPG2214TB Datasheet
513Kb / 11P
   NECs 쩍W LOW VOLTAGE L, S-BAND SPDT SWITCH
UPG2009TB NEC-UPG2009TB_1 Datasheet
86Kb / 10P
   L-BAND HIGH POWER SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com