Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU9510F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AU9510F
Description  AU9510F USB Smart Card Reader Controller Technical Reference Manual
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AU9510F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AU9510F Datasheet HTML 5Page - List of Unclassifed Manufacturers AU9510F Datasheet HTML 6Page - List of Unclassifed Manufacturers AU9510F Datasheet HTML 7Page - List of Unclassifed Manufacturers AU9510F Datasheet HTML 8Page - List of Unclassifed Manufacturers AU9510F Datasheet HTML 9Page - List of Unclassifed Manufacturers AU9510F Datasheet HTML 10Page - List of Unclassifed Manufacturers AU9510F Datasheet HTML 11Page - List of Unclassifed Manufacturers AU9510F Datasheet HTML 12Page - List of Unclassifed Manufacturers AU9510F Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Page 9 of 17
AU9510F USB Smart Card Reader Controller V1.07W
Official Release-Public
Table 3.1 Pin Descriptions
Pin Pin Name I/O
Description
1
VCCA
PWR Analog 3.3V power supply
2
GNDA
PWR Analog ground.
3
XTAL1
I
Crystal Oscillator Input (12MHz).
4
XTAL2
O
Crystal Oscillator Output (12MHz).
5
PSWOUTB
O
Connect to Slot1 Power. - Not support in this version
6
PSWOUTA
O
Connect to Slot0 Power.
7
VCC5V
PWR 5V power supply Input
8
VCC3V
PWR 3.3V power supply output
9
USB_DP
I/O
USB D+
10
USB_DM
I/O
USB D-
11
GNDIO
PWR Chip I/O Ground.
12
GPI_0
I
Reserved (need pull Low)
13
GPI_1
I
Reserved (need pull down)
14
SCL
I/O
EEPROM Clock (need pull high)
15
SDA
I/O
EEPROM Data (need pull high)
16
NC
17
PORT1_1
I/O
General IO 1
18
PORT1_2
O
Slot1 LED
19
PORT1_3
O
Slot2 LED - Not support in this version
20
PORT1_4
O
Device LED
21
PORT1_5
I
Reserved (need pull Low)
22
PORT1_6
I
Reserved (need pull Low)
23
PORT1_7
I
General Input 7
24
PROM_DATA0
I/O
Rom data 0
25
PROM_DATA1
I/O
Rom data 1
26
VCCK
PWR Core power supply 3.3V
27
GNDK
PWR Core ground
28
PROM_DATA2
I/O
Rom data 2
29
PROM_DATA3
I/O
Rom data 3
30
PROM_DATA4
I/O
Rom data 4
31
PROM_DATA5
I/O
Rom data 5
32
PROM_DATA6
I/O
Rom data 6
33
PROM_DATA7
I/O
Rom data 7
34
NC
35
ICC1DETN
I
Smart card 1 inserted (Low true) (pull high) - Not support in this
version
36
SC1DATA
I/O
Smart card 1 serial data - Not support in this version
37
SC1CLK
I/O
Smart card 1 clock - Not support in this version
38
SC1RST
I/O
Smart card 1 reset
39
SC1FCB
I/O
Smart card 1 GPIO_0 - Not support in this version
40
SC1C6
I/O
Smart card 1 GPIO_1 - Not support in this version
41
SC1C8
I/O
Smart card 1 GPIO_2 - Not support in this version
42
ICC0DETN
I
Smart card 0 inserted (Low true)(pull high)
43
SC0DATA
I/O
Smart card 0 serial data
44
SC0CLK
I/O
Smart card 0 clock
45
SC0RST
I/O
Smart card 0 reset
46
SC0FCB
I/O
Smart card 0 GPIO_0
47
SC0C6
I/O
Smart card 0 GPIO_1
48
SC0C8
I/O
Smart card 0 GPIO_2


Similar Part No. - AU9510F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9510F ETC2-AU9510F Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
More results

Similar Description - AU9510F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
   USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU9340 ETC2-AU9340 Datasheet
477Kb / 23P
   USB Memory Stick Card Reader Controller Chip Technical Reference Manual
AU9321 ETC-AU9321 Datasheet
138Kb / 19P
   USB Compact Flash Card Reader Technical Reference Manual
AU9223 ETC2-AU9223 Datasheet
887Kb / 21P
   USB KVM Controller Technical Reference Manual
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
AU9362 ETC-AU9362 Datasheet
522Kb / 26P
   USB Multiple Slots Flash Memory Card Reader Technical Reference Manual
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
AU9380 ETC-AU9380 Datasheet
158Kb / 22P
   USB Flash Disk Controller Technical Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com