Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST25E64 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST25E64
Description  SERIAL EXTENDED ADDRESSING COMPATIBLE WITH I2C BUS 64K (8K x 8) EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25E64 Datasheet(HTML) 5 Page - STMicroelectronics

  ST25E64 Datasheet HTML 1Page - STMicroelectronics ST25E64 Datasheet HTML 2Page - STMicroelectronics ST25E64 Datasheet HTML 3Page - STMicroelectronics ST25E64 Datasheet HTML 4Page - STMicroelectronics ST25E64 Datasheet HTML 5Page - STMicroelectronics ST25E64 Datasheet HTML 6Page - STMicroelectronics ST25E64 Datasheet HTML 7Page - STMicroelectronics ST25E64 Datasheet HTML 8Page - STMicroelectronics ST25E64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZWCL
WC Input Impedance
VIN
≤ 0.3 VCC
520
k
ZWCH
WC Input Impedance
VIN
≥ 0.7 VCC
500
k
tLP
Low-pass filter input time constant
(SDA and SCL)
100
ns
Note: 1. Sampled only, not 100% tested.
Table 5. Input Parameters (1) (TA =25
°C, f = 400 kHz )
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
(SCL, SDA, E0-E2)
0V
≤ VIN ≤ VCC
±2
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
SDA in Hi-Z
±2
µA
ICC
Supply Current (ST24 series)
fC = 400kHz
(Rise/Fall time < 30ns)
2mA
Supply Current (ST25 series)
1
mA
ICC1
Supply Current (Standby)
(ST24 series)
VIN =VSS or VCC,
VCC =5V
100
µA
VIN =VSS or VCC,
VCC =5V, fC = 400kHz
300
µA
ICC2
Supply Current (Standby)
(ST25 series)
VIN =VSS or VCC,
VCC = 2.5V
5
µA
VIN =VSS or VCC,
VCC = 2.5V, fC = 400kHz
50
µA
VIL
Input Low Voltage (SCL, SDA)
–0.3
0.3 VCC
V
VIH
Input High Voltage (SCL, SDA)
0.7 VCC
VCC +1
V
VIL
Input Low Voltage (E0-E2, WC)
–0.3
0.5
V
VIH
Input High Voltage (E0-E2, WC)
VCC – 0.5
VCC +1
V
VOL
Output Low Voltage
IOL = 3mA, VCC = 5V
0.4
V
Output Low Voltage (ST25 series)
IOL = 2.1mA, VCC = 2.5V
0.4
V
Table 6. DC Characteristics
(TA = –40 to 85
°C or 0 to 70 °C; VCC = 4.5V to 5.5V or 2.5V to 5.5V)
5/16
ST24E64, ST25E64


Similar Part No. - ST25E64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25E16 STMICROELECTRONICS-ST25E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
ST25E32 STMICROELECTRONICS-ST25E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B1TR STMICROELECTRONICS-ST25E32B1TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B3TR STMICROELECTRONICS-ST25E32B3TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST25E32B6TR STMICROELECTRONICS-ST25E32B6TR Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
More results

Similar Description - ST25E64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24E32 STMICROELECTRONICS-ST24E32 Datasheet
723Kb / 15P
   32K SERIAL I2C EEPROM with EXTENDED ADDRESSING
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
logo
Microchip Technology
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
Microchip Technology
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Microchip Technology
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
   8K I2C??Serial EEPROM
2002-2012
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
   64K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com