Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LV51RD2FA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P89LV51RD2FA
Description  8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LV51RD2FA Datasheet(HTML) 1 Page - NXP Semiconductors

  P89LV51RD2FA Datasheet HTML 1Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 2Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 3Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 4Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 5Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 6Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 7Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 8Page - NXP Semiconductors P89LV51RD2FA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
P89LV51RB2/RC2/RD2
8-bit 80C51 3 V low power 16/32/64 kB Flash microcontroller
with 1 kB RAM
Rev. 04 — 02 December 2004
Product data
1.
General description
The P89LV51RB2/RC2/RD2 are 80C51 microcontrollers with 16/32/64 kB Flash and
1024 bytes of data RAM.
A key feature of the P89LV51RB2/RC2/RD2 is its X2 mode option. The design
engineer can choose to run the application with the conventional 80C51 clock rate
(12 clocks per machine cycle) or select the X2 mode (6 clocks per machine cycle) to
achieve twice the throughput at the same clock frequency. Another way to benefit
from this feature is to keep the same performance by reducing the clock frequency by
half, thus dramatically reducing the EMI.
The Flash program memory supports both parallel programming and in serial
In-System Programming (ISP). Parallel programming mode offers gang-programming
at high speed, reducing programming costs and time to market. ISP allows a device
to be reprogrammed in the end product under software control. The capability to
field/update the application firmware makes a wide range of applications possible.
The P89LV51RB2/RC2/RD2 is also In-Application Programmable (IAP), allowing the
Flash program memory to be reconfigured even while the application is running.
2.
Features
s 80C51 Central Processing Unit
s 3 V Operating voltage from 0 MHz to 33 MHz
s 16/32/64 kB of on-chip Flash program memory with ISP (In-System
Programming) and IAP (In-Application Programming)
s Supports 12-clock (default) or 6-clock mode selection via software or ISP
s SPI (Serial Peripheral Interface) and enhanced UART
s PCA (Programmable Counter Array) with PWM and Capture/Compare functions
s Four 8-bit I/O ports with three high-current Port 1 pins (16 mA each)
s Three 16-bit timers/counters
s Programmable Watchdog timer (WDT)
s Eight interrupt sources with four priority levels
s Second DPTR register
s Low EMI mode (ALE inhibit)
s TTL- and CMOS-compatible logic levels


Similar Part No. - P89LV51RD2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RD2FA PHILIPS-P89LV51RD2FA Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89LV51RD2FA NXP-P89LV51RD2FA Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
More results

Similar Description - P89LV51RD2FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LV51RB2 NXP-P89LV51RB2 Datasheet
332Kb / 76P
   8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-15 December 2009
P89V51RB2 NXP-P89V51RB2_09 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05-12 November 2009
P89V51RB2 PHILIPS-P89V51RB2 Datasheet
350Kb / 77P
   8-bit 80C51 5 V low power 16/32/64 kB Flash microcontroller with 1 kB RAM
Rev. 03-02 December 2004
P89V51RB2 NXP-P89V51RB2 Datasheet
1Mb / 80P
   8-bit 80C51 5 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
Rev. 05 - 12 November 2009
P89LV51RD2 PHILIPS-P89LV51RD2 Datasheet
349Kb / 77P
   8-bit 80C51 3 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 03-11 October 2004
P89V51RD2 PHILIPS-P89V51RD2 Datasheet
350Kb / 75P
   8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
Rev. 01-01 March 2004
P89V664FA512 NXP-P89V664FA512 Datasheet
720Kb / 90P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 3.1-17 October 2011
P89V660 NXP-P89V660 Datasheet
392Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 01 - 2 May 2007
P89V660_0811 NXP-P89V660_0811 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 03-10 November 2008
P89V660 NXP-P89V660_08 Datasheet
393Kb / 89P
   8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
Rev. 02-29 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com