Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV024L Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI90LV024L
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV024L Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI90LV024L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV024L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV024L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV024L Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV024L Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV024L Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90LV024L Datasheet HTML 10Page - Pericom Semiconductor Corporation PI90LV024L Datasheet HTML 11Page - Pericom Semiconductor Corporation PI90LV024L Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV024, PI90LVB024
LVDS Dual 2x2 Crosspoint/Repeater Switch
PS8486A
03/27/01
Figure 6. Enable and Disable Timing Circuit
A
B
RD
Y
Z
DE
1.2 V
RL/2
(see Note A)
RL/2
(see Note A)
2 V
1.4 V
0.8 V
1.2 V
1.15 V
≈1 V
≈1.4 V
1.25 V
1.2 V
tPZH
tPHZ
tPZL
tPLZ
DE
1.2 V
1 V or 1.4 V
VOY or VOZ
VOY or VOZ
Notes:
A. RL = 100Ω or 50Ω ±1%
B. All input pulses are supplied by a generator having the following characteristics: pulse repetition rate (PRR) = 0.5 Mpps,
pulse width = 500
±10ns.


Similar Part No. - PI90LV024L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024L PERICOM-PI90LV024L Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024LE PERICOM-PI90LV024LE Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LV024L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com