Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV024Q Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI90LV024Q
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV024Q Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI90LV024Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV024Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV024Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV024Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV024Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV024Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV024Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV024Q Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90LV024Q Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV024, PI90LVB024
LVDS Dual 2x2 Crosspoint/Repeater Switch
6
PS8486A
03/27/01
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
t
s
e
T
s
n
o
i
t
i
d
n
o
C
.
n
i
M.
p
y
T
)
1
(
.
x
a
Ms
t
i
n
U
t H
L
P
h
g
i
h
-
o
t
-
w
o
l
,
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
p
l
a
i
t
n
e
r
e
f
f
i
D
CL
F
p
0
1
=
)
5
.
g
i
F
e
e
S
(
0
.
40
.
6
s
n
t
L
H
P
w
o
l
-
o
t
-
h
g
i
h
,
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
p
l
a
i
t
n
e
r
e
f
f
i
D
0
.
40
.
6
t
)
p
(
k
s
(
w
e
k
s
e
s
l
u
P
t L
H
P
t
-
H
L
P
)5
.
0
tr
h
g
i
h
-
o
t
-
w
o
l
,
n
o
i
t
i
s
n
a
r
T4
2
0
V
L
0
9
I
P0
.
15
.
1
tr
h
g
i
h
-
o
t
-
w
o
l
,
n
o
i
t
i
s
n
a
r
T4
2
0
B
V
L
0
9
I
P8
.
03
.
1
tf
w
o
l
-
o
t
-
h
g
i
h
,
n
o
i
t
i
s
n
a
r
T4
2
0
V
L
0
9
I
P0
.
15
.
1
tf
w
o
l
-
o
t
-
h
g
i
h
,
n
o
i
t
i
s
n
a
r
T4
2
0
B
V
L
0
9
I
P8
.
03
.
1
t
Z
H
P
t
u
p
t
u
o
e
c
n
e
d
e
p
m
i
-
h
g
i
h
-
o
t
-
l
e
v
e
l
-
h
g
i
h
,
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
)
6
.
g
i
F
e
e
S
(
0
.
40
1
t Z
L
P
t
u
p
t
u
o
e
c
n
e
d
e
p
m
i
-
h
g
i
h
-
o
t
-
l
e
v
e
l
-
w
o
l
,
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
3
.
40
1
t H
Z
P
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
h
-
o
t
-
e
c
n
e
d
e
p
m
i
-
h
g
i
h
,
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
0
.
30
1
t L
Z
P
t
u
p
t
u
o
l
e
v
e
l
-
w
o
l
-
o
t
-
e
c
n
e
d
e
p
m
i
-
h
g
i
h
,
e
m
i
t
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
0
.
20
1
t
L
H
P
x
D
_
1
R
_
r
e
v
i
r
d
o
t
r
e
v
i
e
c
e
r
,
w
e
k
s
l
e
n
n
a
h
c
-
o
t
-
l
e
n
n
a
h
C
)
2
(
5
9
s
p
t H
L
P
x
D
_
1
R
_
5
9
t
L
H
P
x
D
_
2
R
_
5
9
t H
L
P
x
D
_
2
R
_
5
9
Differential Receiver to Driver Switching Characteristics Over Recommended Operating Conditions
(unless otherwise noted)
Notes:
1. All typical values are at 25°C and with a 3.3 supply
2. These parametric values are measured over supply voltage and temperature ranges recommended for the device


Similar Part No. - PI90LV024Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024Q PERICOM-PI90LV024Q Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024QE PERICOM-PI90LV024QE Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LV024Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com