Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9176EUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9176EUB
Description  670MHz LVDS-to-LVDS and Anything-to-LVDS 2:1 Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9176EUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9176EUB Datasheet HTML 1Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 2Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 3Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 4Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 5Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 6Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 7Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 8Page - Maxim Integrated Products MAX9176EUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX9176/MAX9177 are 670MHz, low-jitter, low-
skew 2:1 multiplexers ideal for protection switching,
loopback, and clock distribution. The devices feature
ultra-low 68ps peak-to-peak deterministic jitter that
ensures reliable operation in high-speed links that are
highly sensitive to timing errors.
The MAX9176 has fail-safe LVDS inputs and an LVDS
output. The MAX9177 has “anything” differential inputs
(CML/LVDS/LVPECL) and an LVDS output. The output
can be put into high impedance using the power-down
input. The MAX9176 features fail-safe circuits that drive
the output high when a selected input is open, undriven
and shorted, or undriven and terminated. The MAX9177
has bias circuits that force the output high when a
selected input is open. The mux select and power-
down inputs are compatible with standard LVTTL/
LVCMOS logic.
The select and power-down inputs tolerate undershoot
of -1V and overshoot of VCC + 1V. The MAX9176/
MAX9177 are available in 10-pin µMAX and 10-lead
thin QFN packages, and operate from a single 3.3V
supply over the -40°C to +85°C temperature range.
Applications
Protection Switching
Loopback
Clock Distribution
Features
o 1.0ps(RMS) Jitter (max) at 670MHz
o 68ps(P-P) Jitter at 800Mbps Data Rate
o 3.3V Supply
o LVDS Fail-Safe Inputs (MAX9176)
o Anything Inputs (MAX9177) Accept
CML/LVDS/LVPECL
o Select and Power-Down Inputs Tolerate -1.0V
and VCC + 1.0V
o Low-Power CMOS Design
o 10-Lead µMAX and QFN Packages
o -40°C to +85°C Operating Temperature Range
o Conform to ANSI TIA/EIA-644 LVDS Standard
o IEC61000-4-2 Level 4 ESD Rating
670MHz LVDS-to-LVDS and
Anything-to-LVDS 2:1 Multiplexers
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
OUT+
OUT-
VCC
PD
IN1+
GND
INO-
IN0+
MAX9176
µMAX
TOP VIEW
SEL
IN1-
1
2
3
4
5
10
9
8
7
6
OUT+
OUT-
VCC
PD
IN1+
GND
INO-
EXPOSED
PAD
IN0+
QFN
(LEADS UNDER PACKAGE)
SEL
IN1-
PART
TEMP RANGE
PIN-PACKAGE
MAX9176EUB
-40
°C to +85°C
10 µMAX
MAX9176ETB*
-40
°C to +85°C
10 Thin QFN-EP**
MAX9177EUB
-40
°C to +85°C
10 µMAX
MAX9177ETB*
-40
°C to +85°C
10 Thin QFN-EP**
Pin Configurations
Ordering Information
19-2757; Rev 0; 1/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Functional Diagram appears at end of data sheet.
*Future product—contact factory for availability.
**EP = Exposed paddle.


Similar Part No. - MAX9176EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX917 MAXIM-MAX917 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9170ESE MAXIM-MAX9170ESE Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
MAX9170EUE MAXIM-MAX9170EUE Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
More results

Similar Description - MAX9176EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9174 MAXIM-MAX9174 Datasheet
268Kb / 14P
   670MHz LVDS-to-LVDS and Anything-to-LVDS 1:2 Splitters
Rev 0; 4/03
MAX9376 MAXIM-MAX9376 Datasheet
151Kb / 7P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 0; 4/03
MAX9376 MAXIM-MAX9376_09 Datasheet
110Kb / 8P
   LVDS/Anything-to-LVPECL/LVDS Dual Translator
Rev 1; 10/09
MAX9390 MAXIM-MAX9390 Datasheet
372Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
MAX9375 MAXIM-MAX9375 Datasheet
135Kb / 6P
   Single LVDS/Anything-to-LVPECL Translator
Rev 0; 4/03
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
MAX9390 MAXIM-MAX9390_07 Datasheet
180Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 2; 5/07
MAX9392 MAXIM-MAX9392_07 Datasheet
183Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 1; 5/07
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com