Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C6416AL-12TI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61C6416AL-12TI
Description  64K x 16 HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C6416AL-12TI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61C6416AL-12TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C6416AL-12TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C6416AL-12TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C6416AL-12TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C6416AL-12TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C6416AL-12TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C6416AL-12TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61C6416AL-12TI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61C6416AL-12TI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. A
01/17/05
ISSI®
IS61C6416AL
IS64C6416AL
IS62C6416AL
IS65C6416AL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-12
-15
-35
-45
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
12
15
35
45
ns
tSCE
CE to Write End
9
12
25
35
ns
tAW
Address Setup Time
9
12
25
35
ns
to Write End
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Setup Time
0
0
0
0
ns
tPWB
LB, UB Valid to End of Write
9
12
25
35
ns
tPWE1
WE Pulse Width (OE =High)
9
12
25
35
ns
tPWE2
WE Pulse Width (OE=Low)
9
12
25
35
ns
tSD
Data Setup to Write End
6
9
20
25
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE(2) WE LOW to High-Z Output
6
6
20
20
ns
tLZWE(2)
WE HIGH to Low-Z Output
3
3
5
5
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and UB or LB, and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the write.


Similar Part No. - IS61C6416AL-12TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS61C6416AL ETC2-IS61C6416AL Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C6416AL-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com