Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62LV1024L-45T Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IS62LV1024L-45T
Description  128K x 8 LOW POWER AND LOW Vcc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62LV1024L-45T Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IS62LV1024L-45T Datasheet HTML 1Page - Integrated Circuit Solution Inc IS62LV1024L-45T Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62LV1024L-45T Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62LV1024L-45T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62LV1024L-45T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62LV1024L-45T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62LV1024L-45T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62LV1024L-45T Datasheet HTML 8Page - Integrated Circuit Solution Inc IS62LV1024L-45T Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Integrated Circuit Solution Inc.
5
LPSR018-0D 07/06/2001
IS62LV1024L/LL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-45
-55
-70
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Unit
tRC
Read Cycle Time
45
—
55
—
70
—
ns
tAA
Address Access Time
—
45
—
55
—
70
ns
tOHA
Output Hold Time
10
—
10
—
10
—
ns
tACE
CE1 Access Time
—
45
—
55
—
70
ns
tACE
CE2 Access Time
—
45
—
55
—
70
ns
tDOE
OE Access Time
—
20
—
25
—
35
ns
tLZOE  OE to Low-Z Output
0
—
5
—
5
—
ns
tHZOE  OE to High-Z Output
0
15
0
20
0
25
ns
tLZCE  CE1 to Low-Z Output
5
—
7
—
10
—
ns
tLZCE   CE2 to Low-Z Output
5
—
7
—
10
—
ns
tHZCE  CE1 or CE2 to High-Z Output
0
15
0
20
0
25
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0.4V to 2.2V
and output loading specified in .igure 1.
2. Tested with the load in .igure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0.4V to 2.2V
Input Rise and .all Times
5 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See .igures 1
AC TEST LOADS
.igure 1.
.igure 2.
100 pF
Including
jig and
scope
OUTPUT
1 TTL
5 pF
Including
jig and
scope
OUTPUT
1 TTL


Similar Part No. - IS62LV1024L-45T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10B ISSI-IS62LV12816BLL-10B Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10BI ISSI-IS62LV12816BLL-10BI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10T ISSI-IS62LV12816BLL-10T Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL-10TI ISSI-IS62LV12816BLL-10TI Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62LV1024L-45T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1024AL ICSI-IC62LV1024AL Datasheet
122Kb / 11P
   128K x 8 Ultra Low Power and Low VCC SRAM
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV2568L ICSI-IS62LV2568L Datasheet
455Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IC62LV2568L ICSI-IC62LV2568L Datasheet
133Kb / 10P
   256K x 8 LOW POWER AND LOW Vcc CMOS STATIC RAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com