Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM74A Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM74A
Description  SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM74A Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM74A Datasheet HTML 4Page - National Semiconductor (TI) LM74A Datasheet HTML 5Page - National Semiconductor (TI) LM74A Datasheet HTML 6Page - National Semiconductor (TI) LM74A Datasheet HTML 7Page - National Semiconductor (TI) LM74A Datasheet HTML 8Page - National Semiconductor (TI) LM74A Datasheet HTML 9Page - National Semiconductor (TI) LM74A Datasheet HTML 10Page - National Semiconductor (TI) LM74A Datasheet HTML 11Page - National Semiconductor (TI) LM74A Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3.0 Application Hints
3.1 LIGHT SENSITIVITY
The LM74A in die form should not be exposed to ultraviolet
light. Exposing the LM74A to bright sunlight will not immedi-
atly cause a change in the output reading. Our experiments
show that directly exposing the circuit side (pad side) of the
die to high intensity (
≥ 1mW/cm2) ultraviolet light, centered at
a wavelength of 254nm, for greater than 20 minutes will
deprogram the EEPROM cells in the LM74A. Since the
EEPROM is used for storing calibration coefficients, the
LM74A will function but the temperature accuracy will no
longer be as specified. Light can penetrate through the side
of the die as well.
4.0 Typical Applications
20017720
FIGURE 8. Temperature monitor using Intel 196 processor
20017719
FIGURE 9. LM74A digital input control using micro-controller’s general purpose I/O.
www.national.com
11


Similar Part No. - LM74A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74A TI-LM74A_15 Datasheet
395Kb / 15P
[Old version datasheet]   LM74A SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
More results

Similar Description - LM74A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM74A TI-LM74A_15 Datasheet
395Kb / 15P
[Old version datasheet]   LM74A SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
logo
National Semiconductor ...
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM74 TI-LM74_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
LM74CIM-3-NOPB TI1-LM74CIM-3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com