Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C6416AL-12T Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61C6416AL-12T
Description  64K x 16 HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C6416AL-12T Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61C6416AL-12T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C6416AL-12T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C6416AL-12T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C6416AL-12T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C6416AL-12T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C6416AL-12T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C6416AL-12T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C6416AL-12T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C6416AL-12T Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. A
01/17/05
ISSI®
IS61C6416AL
IS64C6416AL
IS62C6416AL
IS65C6416AL
TRUTH TABLE
I/O PIN
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
LB
LB
LB
LB
LB
UB
UB
UB
UB
UB
I/O0-I/O7
I/O8-I/O15
VDD Current
Not Selected
X
H
X
X
X
High-Z
High-Z
ISB1, ISB2
Output Disabled
H
L
H
X
X
High-Z
High-Z
ICC1, ICC2
X
L
X
H
H
High-Z
High-Z
Read
H
L
L
L
H
DOUT
High-Z
ICC1, ICC2
H
L
L
H
L
High-Z
DOUT
H
LLLL
DOUT
DOUT
Write
L
L
X
L
H
DIN
High-Z
ICC1, ICC2
L
L
X
H
L
High-Z
DIN
LL
X
L
L
DIN
DIN
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the opera-
tional sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
OPERATING RANGE (IS64C/65C6416AL)
Range
Ambient Temperature
VDD
Automotive
-40°C to +125°C
5V ± 10%
OPERATING RANGE (IS61C/62C6416AL)
Range
Ambient Temperature
VDD
Commercial
0°C to +70°C
5V ± 10%
Industrial
-40°C to +85°C
5V ± 10%


Similar Part No. - IS61C6416AL-12T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS61C6416AL ETC2-IS61C6416AL Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C6416AL-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com