Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1845NV Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA1845NV
Description  Single-Chip Home Stereo IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1845NV Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA1845NV Datasheet HTML 1Page - Sanyo Semicon Device LA1845NV Datasheet HTML 2Page - Sanyo Semicon Device LA1845NV Datasheet HTML 3Page - Sanyo Semicon Device LA1845NV Datasheet HTML 4Page - Sanyo Semicon Device LA1845NV Datasheet HTML 5Page - Sanyo Semicon Device LA1845NV Datasheet HTML 6Page - Sanyo Semicon Device LA1845NV Datasheet HTML 7Page - Sanyo Semicon Device LA1845NV Datasheet HTML 8Page - Sanyo Semicon Device LA1845NV Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LA1845NV
No.7931-5/10
Continued from preceding page.
Pin No.
Pin function
Pin voltage
Equivalent circuit
Notes
19
AM detector output
0V (FM)
1.5V (AM)
Output impedance ro = 3.3kΩ
20
S meter,
AM AGC
0.2V (FM)
0.9V (AM)
The resistance of the built-in resistor R is 13.9k
Ω.
The SD response during seek operation is
determined with the external capacitor connected to
this pin.
21
AM RF input
Vreg
Must be used at the same potential as pin 22.
22
AFC
Vreg
The FM SD bandwidth can be adjusted with the
external resistor connected between this pin and
pin 3 (Vreg).
23
OSC
VCC
Connect the oscillator coil between this pin and pin
9 (VCC).
Note : Impedance of the secondary oscillator coil
must be 5k
Ω or higher.
24
Oscillator buffer
output,
FM SD sensitivity
adjustment
VCC-1.4
The FM SD sensitivity can be adjusted with an
external resistor connected to this pin.
Output impedance R = 200
Note : Resistance of the external resistor
connected to the pin 24 must be 3.3k
Ω or higher.
23
R
24
20
R
19
21
22


Similar Part No. - LA1845NV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
More results

Similar Description - LA1845NV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1836 SANYO-LA1836 Datasheet
535Kb / 13P
   Single-Chip Home Stereo Electronic Tuning IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com