Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KK74LV640N Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KK74LV640N
Description  Octal 3-State Inverting Bus Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KK74LV640N Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KK74LV640N Datasheet HTML 1Page - KODENSHI_AUK CORP. KK74LV640N Datasheet HTML 2Page - KODENSHI_AUK CORP. KK74LV640N Datasheet HTML 3Page - KODENSHI_AUK CORP. KK74LV640N Datasheet HTML 4Page - KODENSHI_AUK CORP. KK74LV640N Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KK74LV640
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC supply voltage (Referenced to GND)
-0.5
÷ +5.0
V
IIK*
1
DC input diode current
±20
mA
IOK*
2
DC output diode current
±50
mA
Io*3
DC output source or sink current
-bus driver outputs
±35
mA
IGND
DC GND current for types with
- bus driver outputs
±70
mA
ICC
DC VCC current for types with
- bus driver outputs
±70
mA
PD
Power dissipation per paskade, plastic DIP+
SOIC package+
750
500
mW
Tstg
Storage temperature
-65
÷ +150
°C
TL
Lead temperature, 1.5 mm from Case for 10 seconds
(Plastic DIP ), 0.3 mm (SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 12 mW/
°C from 65° to 125°C
SOIC Package: : - 8 mW/
°C from 65° to 125°C
*1: VI < -0.5V or VI > VCC+0.5V
*2: Vo
< -0.5V or Vo > VCC+0.5V
*3: -0.5V
< Vo < VCC+0.5V
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
1.2
3.6
V
VIN, VOUT
DC Input Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-40
+125
°C
tLH, tHL
Input Rise and Fall Time
VCC =1.2 V
VCC =2.0 V
VCC =3.0 V
VCC =3.6 V
0
1000
700
500
400
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
2


Similar Part No. - KK74LV640N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV620D KODENSHI-KK74LV620D Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV620N KODENSHI-KK74LV620N Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV623 KODENSHI-KK74LV623 Datasheet
270Kb / 6P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
KK74LV623D KODENSHI-KK74LV623D Datasheet
270Kb / 6P
   OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
More results

Similar Description - KK74LV640N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
Integral Corp.
IN74ACT640 INTEGRAL-IN74ACT640 Datasheet
211Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74HC640A INTEGRAL-IN74HC640A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com