Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S280832B-TCL80 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4S280832B-TCL80
Description  4M x 8Bit x 4 Banks Sychronous DRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S280832B-TCL80 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4S280832B-TCL80 Datasheet HTML 2Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 3Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 4Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 5Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 6Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 7Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 8Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 9Page - Samsung semiconductor K4S280832B-TCL80 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
K4S280832B
CMOS SDRAM
Rev. 0.0 Aug. 1999
VDD Clamp @ CLK, CKE, CS, DQM & DQ
VDD (V)
I (mA)
0.0
0.0
0.2
0.0
0.4
0.0
0.6
0.0
0.7
0.0
0.8
0.0
0.9
0.0
1.0
0.23
1.2
1.34
1.4
3.02
1.6
5.06
1.8
7.35
2.0
9.83
2.2
12.48
2.4
15.30
2.6
18.31
VSS Clamp @ CLK, CKE, CS, DQM & DQ
VSS (V)
I (mA)
-2.6
-57.23
-2.4
-45.77
-2.2
-38.26
-2.0
-31.22
-1.8
-24.58
-1.6
-18.37
-1.4
-12.56
-1.2
-7.57
-1.0
-3.37
-0.9
-1.75
-0.8
-0.58
-0.7
-0.05
-0.6
0.0
-0.4
0.0
-0.2
0.0
0.0
0.0
20
15
10
5
0
0
3
1
2
Voltage
I (mA)
I (mA)
Minimum VDD clamp current
(Referenced to VDD)
Minimum VSS clamp current
0
-10
-20
-30
-40
-3
0
-2
-1
-50
-60
Voltage


Similar Part No. - K4S280832B-TCL80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280832A SAMSUNG-K4S280832A Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832A-TC/L10 SAMSUNG-K4S280832A-TC/L10 Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832A-TC/L1H SAMSUNG-K4S280832A-TC/L1H Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832A-TC/L1L SAMSUNG-K4S280832A-TC/L1L Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832A-TC/L75 SAMSUNG-K4S280832A-TC/L75 Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S280832B-TCL80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM48S16030 SAMSUNG-KM48S16030 Datasheet
116Kb / 10P
   4M x 8Bit x 4 Banks Synchronous DRAM
K4S280832D SAMSUNG-K4S280832D Datasheet
111Kb / 11P
   128Mbit SDRAM (4M x 8Bit x 4 Banks Synchronous DRAM)
KM48S16030A SAMSUNG-KM48S16030A Datasheet
150Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S16030B SAMSUNG-KM48S16030B Datasheet
133Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832A SAMSUNG-K4S280832A Datasheet
108Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832M SAMSUNG-K4S280832M Datasheet
126Kb / 10P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V56820B HYNIX-HY57V56820B Datasheet
151Kb / 12P
   4 Banks x 8M x 8Bit Synchronous DRAM
HY57V658020B HYNIX-HY57V658020B Datasheet
146Kb / 12P
   4 Banks x 2M x 8Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com