Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKP03N120H2 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IKP03N120H2
Description  HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP03N120H2 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IKP03N120H2 Datasheet HTML 1Page - Infineon Technologies AG IKP03N120H2 Datasheet HTML 2Page - Infineon Technologies AG IKP03N120H2 Datasheet HTML 3Page - Infineon Technologies AG IKP03N120H2 Datasheet HTML 4Page - Infineon Technologies AG IKP03N120H2 Datasheet HTML 5Page - Infineon Technologies AG IKP03N120H2 Datasheet HTML 6Page - Infineon Technologies AG IKP03N120H2 Datasheet HTML 7Page - Infineon Technologies AG IKP03N120H2 Datasheet HTML 8Page - Infineon Technologies AG IKP03N120H2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
IKP03N120H2,
IKB03N120H2
IKW03N120H2
Power Semiconductors
1
Rev. 2, Mar-04
HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Designed for:
- SMPS
- Lamp Ballast
- ZVS-Converter
2
nd generation HighSpeed-Technology
for 1200V applications offers:
- loss reduction in resonant circuits
- temperature stable behavior
- parallel switching capability
- tight parameter distribution
- Eoff optimized for IC =3A
• Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/
Type
VCE
IC
Eoff
Tj
Package
Ordering Code
IKW03N120H2
1200V
3A
0.15mJ
150
°C
P-TO-247
Q67040-S4595
IKP03N120H2
1200V
3A
0.15mJ
150°C
P-TO-220-3-1
Q67040-S4594
IKB03N120H2
1200V
3A
0.15mJ
150°C
P-TO-263 (D
2PAK)
Q67040-S4597
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
V CE
1200
V
Triangular collector current
TC = 25
°C, f = 140kHz
TC = 100
°C, f = 140kHz
I C
9.6
3.9
Pulsed collector current, tp limited by Tjmax
I Cp ul s
9.9
Turn off safe operating area
VCE
≤ 1200V, Tj ≤ 150°C
-
9.9
A
Diode forward current
TC = 25
°C
TC = 100
°C
I F
9.6
3.9
Gate-emitter voltage
V GE
±20
V
Power dissipation
TC = 25
°C
P to t
62.5
W
Operating junction and storage temperature
T j , T stg
-40...+150
Soldering temperature, 1.6mm (0.063 in.) from case for 10s
-
260
225 (for SMD)
°C
P-TO-220-3-1
(TO-220AB)
P-TO-263-3-2 (D²-PAK)
(TO-263AB)
P-TO-247-3-1
(TO-247AC)
G
C
E


Similar Part No. - IKP03N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP03N120H2 INFINEON-IKP03N120H2 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
More results

Similar Description - IKP03N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA03N120H2 INFINEON-IKA03N120H2 Datasheet
335Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Mar-04, Rev. 2
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IKB01N120H2 INFINEON-IKB01N120H2 Datasheet
385Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKP01N120H2 INFINEON-IKP01N120H2 Datasheet
387Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKA10N60T INFINEON-IKA10N60T Datasheet
368Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
IKB15N60T INFINEON-IKB15N60T Datasheet
398Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKP20N60T INFINEON-IKP20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IHW15T120 INFINEON-IHW15T120 Datasheet
339Kb / 14P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com