Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11640-838 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 11640-838
Description  DUAL PLL CLOCK GENERATOR IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

11640-838 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  11640-838 Datasheet HTML 1Page - List of Unclassifed Manufacturers 11640-838 Datasheet HTML 2Page - List of Unclassifed Manufacturers 11640-838 Datasheet HTML 3Page - List of Unclassifed Manufacturers 11640-838 Datasheet HTML 4Page - List of Unclassifed Manufacturers 11640-838 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AMERICAN MICROSYSTEMS, INC.
October 1999
5
10.1.99
FS6282
FS6282
FS6282
FS6282
Dual PLL Clock Generator IC
Dual PLL Clock Generator IC
Dual PLL Clock Generator IC
Dual PLL Clock Generator IC
ISO9001
ISO9001
ISO9001
ISO9001
5.0
Ordering Information
ORDERING CODE
DEVICE NUMBER
PACKAGE TYPE
OPERATING
TEMPERATURE RANGE
SHIPPING
CONFIGURATION
11640-828
FS6282-03
8-pin (0.150”) SOIC
(Small Outline Package)
0
°C to 70°C (Commercial)
Tape and Reel
11640-838
FS6282-03
8-pin (0.150”) SOIC
(Small Outline Package)
0
°C to 70°C (Commercial)
Tubes
Copyright © 1999 American Microsystems, Inc.
Devices sold by AMI are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. AMI
makes no warranty, express, statutory implied or by description, regarding the information set forth herein or regarding the freedom
of the described devices from patent infringement. AMI makes no warranty of merchantability or fitness for any purposes. AMI re-
serves the right to discontinue production and change specifications and prices at any time and without notice. AMI’s products are
intended for use in commercial applications. Applications requiring extended temperature range, unusual environmental require-
ments, or high reliability applications, such as military, medical life-support or life-sustaining equipment, are specifically not recom-
mended without additional processing by AMI for such applications.
American Microsystems, Inc., 2300 Buckskin Rd., Pocatello, ID 83201, (208) 233-4690, FAX (208) 234-6796,
WWW Address: http://www.amis.com E-mail: tgp@amis.com


Similar Part No. - 11640-838

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11640-101 ETC1-11640-101 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
11640-111 ETC1-11640-111 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
11640-XXX ETC2-11640-XXX Datasheet
58Kb / 4P
   Dual PLL Clock Generator IC
More results

Similar Description - 11640-838

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6217-01 ETC-FS6217-01 Datasheet
18Kb / 1P
   DUAL PLL CLOCK GENERATOR IC
FS6284 ETC2-FS6284 Datasheet
58Kb / 4P
   Dual PLL Clock Generator IC
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
   DUAL PLL VCXO CLOCK GENERATOR IC
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
   Three-PLL Clock Generator IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
   Three-PLL Clock Generator IC
FS6322-08 ETC-FS6322-08 Datasheet
62Kb / 7P
   THREE PLL CLOCK GENERATOR IC
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
ON Semiconductor
FS6128-07 ONSEMI-FS6128-07 Datasheet
201Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
FS6128-04 ONSEMI-FS6128-04 Datasheet
223Kb / 6P
   PLL Clock Generator IC with VXCO
May 2008 ??Rev. 2
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com