Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2123 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FPF2123
Description  IntelliMAX Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2123 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FPF2123 Datasheet HTML 5Page - Fairchild Semiconductor FPF2123 Datasheet HTML 6Page - Fairchild Semiconductor FPF2123 Datasheet HTML 7Page - Fairchild Semiconductor FPF2123 Datasheet HTML 8Page - Fairchild Semiconductor FPF2123 Datasheet HTML 9Page - Fairchild Semiconductor FPF2123 Datasheet HTML 10Page - Fairchild Semiconductor FPF2123 Datasheet HTML 11Page - Fairchild Semiconductor FPF2123 Datasheet HTML 12Page - Fairchild Semiconductor FPF2123 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
www.fairchildsemi.com
FPF2123-FPF2125 Rev. C
Description of Operation
The FPF2123, FPF2124, and FPF2125 are current limited
switches that protect systems and loads which can be damaged
or disrupted by the application of high currents. The core of
each device is a 0.125Ω P-channel MOSFET and a controller
capable of functioning over a wide input operating range of
1.8-5.5V. The controller protects against system malfunctions
through current limiting under-voltage lockout and thermal
shutdown. The current limit is adjustable from 150mA to 1.5A
through the selection of an external resistor.
On/OffControl
The ON pin controls the state of the switch. When ON is high,
the switch is in the on state. Activating ON continuously holds
the switch in the on state so long as there is no fault. For all
versions, an under-voltage on VIN or a junction temperature in
excess of 140°C overrides the ON control to turn off the switch.
In addition, excessive currents will cause the switch to turn off in
the FPF2123 and FPF2124. The FPF2123 has an Auto-Restart
feature which will automatically turn the switch on again after
160ms. For the FPF2124, the ON pin must be toggled to
turn-on the switch again. The FPF2125 does not turn off in
response to an over current condition but instead remains
operating in a constant current mode so long as ON is active
and the thermal shutdown or under-voltage lockout have not
activated.
Current Limiting
The current limit ensures that the current through the switch
doesn't exceed a maximum value while not limiting at less than
a minimum value. The current at which the parts will limit is
adjustable through the selection of an external resistor
connected to ISET. Information for selecting the resistor is
found in the Application Info section.
The FPF2123 and
FPF2124 have a blanking time of 10ms, nominally, during which
the switch will act as a constant current source. At the end of
the blanking time, the switch will be turned-off. The FPF2125
has no current limit blanking period so it will remain in a
constant current state until the ON pin is deactivated or the
thermal shutdown turns-off the switch.
Under-Voltage Lockout
The under-voltage lockout turns-off the switch if the input
voltage drops below the under-voltage lockout threshold. With
the ON pin active, the input voltage rising above the
under-voltage lockout threshold will cause a controlled turn-on
of the switch which limits current over-shoots.
Thermal Shutdown
The thermal shutdown protects the die from internally or
externally generated excessive temperatures.
During an
over-temperature condition the switch is turned-off. The switch
automatically turns-on again if the temperature of the die drops
below the threshold temperature.
Ordering Information
Part
Current Limit
[mA]
Current Limit
Blanking Time
[ms]
Auto-Restart
Time
[ms]
ON Pin
Activity
Top Mark
FPF2123
0.15 - 1.5A
5/10/20
80/160/320
Active HI
2123
FPF2124
0.15 - 1.5A
5/10/20
NA
Active HI
2124
FPF2125
0.15 - 1.5A
Infinite
NA
Active HI
2125


Similar Part No. - FPF2123

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2123 FAIRCHILD-FPF2123 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
logo
ON Semiconductor
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
logo
Fairchild Semiconductor
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
More results

Similar Description - FPF2123

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com