Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1363B-100AI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1363B-100AI
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363B-100AI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1363B-100AI Datasheet HTML 4Page - Cypress Semiconductor CY7C1363B-100AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1363B-100AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1363B-100AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1363B-100AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1363B-100AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1363B-100AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1363B-100AI Datasheet HTML 11Page - Cypress Semiconductor CY7C1363B-100AI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CY7C1361B
CY7C1363B
Document #: 38-05302 Rev. *B
Page 8 of 34
ADSC
85
85
B4
A8
Input-
Synchronous
Address Strobe from Controller, sampled
on the rising edge of CLK, active LOW.
When asserted LOW, addresses presented
to the device are captured in the address
registers. A[1:0] are also loaded into the
burst counter. When ADSP and ADSC are
both asserted, only ADSP is recognized.
BWE
87
87
M4
A7
Input-
Synchronous
Byte Write Enable Input, active LOW.
Sampled on the rising edge of CLK. This
signal must be asserted LOW to conduct a
byte write.
ZZ
64
64
T7
H11
Input-
Asynchronous
ZZ “sleep” Input, active HIGH. When
asserted HIGH places the device in a
non-time-critical “sleep” condition with data
integrity preserved. For normal operation,
this pin has to be LOW or left floating. ZZ pin
has an internal pull-down.
DQs
52,53,56,57,
58,59,62,63,
68,69,72,73,
74,75,78,79,
2,3,6,7,8,9,
12,13,18,19,
22,23,24,25,
28,29
52,53,56,57,
58,59,62,63,
68,69,72,73,
74,75,78,79,
2,3,6,7,8,9,
12,13,18,19,
22,23,24,25,
28,29
K6,L6,M6,
N6,K7,L7,
N7,P7,E6,
F6,G6,H6,
D7,E7,G7,
H7,D1,E1,
G1,H1,E2,
F2,G2,H2,
K1,L1,N1,
P1,K2,L2,
M2,N2
M11,L11,
K11,J11,
J10,K10,
L10,M10,
D10,E10,
F10,G10,
D11,E11,
F11,G11,
D1,E1,F1,
G1,D2,E2,
F2,G2,J1,
K1,L1,M1,
J2,K2,L2
M2,
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they
feed into an on-chip data register that is
triggered by the rising edge of CLK. As
outputs, they deliver the data contained in
the memory location specified by the
addresses presented during the previous
clock rise of the read cycle. The direction of
the pins is controlled by OE. When OE is
asserted LOW, the pins behave as outputs.
When HIGH, DQs and DQP[A:D] are placed
in a three-state condition.The outputs are
automatically three-stated during the data
portion of a write sequence, during the first
clock when emerging from a deselected
state, and when the device is deselected,
regardless of the state of OE.
DQP[A:D]
51,80,1,30
51,80,1,30 P6,D6,D2,
P2
N11,C11,C1,
N1
I/O-
Synchronous
Bidirectional Data Parity I/O Lines.
Functionally, these signals are identical to
DQs. During write sequences, DQP[A:D] is
controlled by BW[A:D] correspondingly.
MODE
31
31
R3
R1
Input-Static
Selects Burst Order. When tied to GND
selects linear burst sequence. When tied to
VDD or left floating selects interleaved burst
sequence. This is a strap pin and should
remain static during device operation. Mode
Pin has an internal pull-up.
VDD
15,41,65,91 15,41,65,91 J2,C4,J4,
R4,J6
D4,D8,E4,
E8,F4,F8,
G4,G8,
H4,H8,J4,
J8,K4,K8,
L4,L8,M4,
M8
Power Supply Power supply inputs to the core of the
device.
VDDQ
4,11,20,27,
54,61,70,77
4,11,20,27,
54,61,70,77
A1,F1,J1,
M1,U1,
A7,F7,J7,
M7,U7
C3,C9,D3,
D9,E3,E9,
F3,F9,G3,
G9,J3,J9,
K3,K9,L3,
L9,M3,M9,
N3,N9
I/O Power
Supply
Power supply for the I/O circuitry.
CY7C1361B–Pin Definitions (continued)
Name
TQFP
(3-Chip
Enable)
TQFP
(2-Chip
Enable)
BGA
(2-Chip
Enable)
fBGA
(3-Chip
Enable)
I/O
Description


Similar Part No. - CY7C1363B-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363A CYPRESS-CY7C1363A Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AC CYPRESS-CY7C1363A-100AC Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AI CYPRESS-CY7C1363A-100AI Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AJC CYPRESS-CY7C1363A-100AJC Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
CY7C1363A-100AJI CYPRESS-CY7C1363A-100AJI Datasheet
818Kb / 26P
   256K x 36/512K x 18 Synchronous Flow-Thru Burst SRAM
More results

Similar Description - CY7C1363B-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com