Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C513-20JC Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C513-20JC
Description  5V/3.3V 32Kx6 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C513-20JC Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C513-20JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C513-20JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C513-20JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C513-20JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C513-20JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C513-20JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C513-20JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C513-20JC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C513-20JC Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AS7C513
AS7C3513
®
3/23/01; v.1.0
Alliance Semiconductor
P. 6 of 10
Data retention characteristics (over the operating range)13
Data retention waveform
AC test conditions
Notes
1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A, B, and C.
4
These parameters are specified with CL = 5pF, as in Figures B or C. Transition is measured ±500mV from steady-state voltage.
5
This parameter is guaranteed, but not 100% tested.
6WE is High for read cycle.
7CE and OE are Low for read cycle.
8
Address valid prior to or coincident with CE transition Low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 CE or WE must be High during address transitions. Either CE or WE asserting high terminates a write cycle.
11 All write cycle timings are referenced from the last valid address to the first transitioning address.
12 Not applicable.
13 2V data retention applies to the commercial operating range only.
14 C=30pF, except on High Z and Low Z parameters, where C=5pF.
Parameter
Symbol
Test conditions
Min
Max
Unit
VCC for data retention
VDR
VCC = 2.0V
CE
≥ V
CC–0.2V
VIN ≥ VCC–0.2V or
VIN ≤ 0.2V
2.0
V
Data retention current
ICCDR
500
µA
Chip deselect to data retention time
tCDR
0–
ns
Operation recovery time
tR
tRC
–ns
Input leakage current
| I
LI |
–1
µA
VCC
CE
tR
tCDR
Data retention mode
VCC
VDR ≥ 2.0V
VIH
VIH
VDR
VCC
350
C(14)
320
Dout
GND
+3.3V
Figure C: 3.3V Output load
- Output load: see Figure B or Figure C.
- Input pulse level: GND to 3.0V. See Figure A.
- Input rise and fall times: 2 ns. See Figure A.
- Input and output timing reference levels: 1.5V.
168
Thevenin equivalent:
Dout
+1.728V (5V and 3.3V)
255
C(14)
480
Dout
GND
+5V
Figure B: 5V Output load
10%
90%
10%
90%
GND
+3.0V
Figure A: Input pulse
2 ns


Similar Part No. - AS7C513-20JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C513B-10JC ALSC-AS7C513B-10JC Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C513B-10JI ALSC-AS7C513B-10JI Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C513B-10TC ALSC-AS7C513B-10TC Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C513B-10TI ALSC-AS7C513B-10TI Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
More results

Similar Description - AS7C513-20JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Golledge Electronics Lt...
GXO-U108 GOLLEDGE-GXO-U108_16 Datasheet
178Kb / 2P
   3.3V & 5V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com