Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C3513-20 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C3513-20
Description  5V/3.3V 32Kx6 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3513-20 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C3513-20 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3513-20 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3513-20 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3513-20 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3513-20 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3513-20 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3513-20 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3513-20 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3513-20 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AS7C513
AS7C3513
®
3/23/01; v.1.0
Alliance Semiconductor
P. 4 of 10
Read cycle (over the operating range) 3,9
Shaded areas indicate advance information.
Key to switching waveforms
Read waveform 1 (address controlled)3,6,7,9
Read waveform 2 (CE, OE, UB, LB controlled)3,6,8,9
Parameter
Symbol
-12
-15
-20
Unit
Notes
MinMax
MinMax
Min
Max
Read cycle time
tRC
12
15
20
ns
Address access time
tAA
–12–15
20
ns
3
Chip enable (CE) access time
tACE
–12–15
20
ns
3
Output enable (OE) access time
tOE
–6
–7
8
ns
Output hold from address change
tOH
3–
4
4
ns
5
CE Low to output in low Z
tCLZ
0
0
0
ns
4, 5
CE High to output in high Z
tCHZ
–6
–7
8
ns
4, 5
OE Low to output in low Z
tOLZ
0
0
0
ns
4, 5
Byte select access time
tBA
–6
–7
8
ns
Byte select Low to low Z
tBLZ
0
0
0
ns
4,5
Byte select High to high Z
tBHZ
–6
–7
9
ns
4,5
OE High to output in high Z
tOHZ
–6
–7
9
ns
4, 5
Power up time
tPU
0
0
0
ns
4, 5
Power down time
tPD
–12–15
20
ns
4, 5
Undefined output/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
Data OUT
Address
Data valid
Previous data valid
Data valid
tRC
tAA
tBLZ
tBA
tOE
tOLZ
tOH
tOHZ
tHZ
tBHZ
tACE
tLZ
Address
OE
CE
LB, UB
Data OUT


Similar Part No. - AS7C3513-20

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS7C3513B-10JC ALSC-AS7C3513B-10JC Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS7C3513B-10JCN ALSC-AS7C3513B-10JCN Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS7C3513B-10JI ALSC-AS7C3513B-10JI Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
More results

Similar Description - AS7C3513-20

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
Golledge Electronics Lt...
GXO-U108 GOLLEDGE-GXO-U108_16 Datasheet
178Kb / 2P
   3.3V & 5V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com