Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS45-12IO1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CS45-12IO1
Description  Phase Control Thyristor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CS45-12IO1 Datasheet(HTML) 1 Page - IXYS Corporation

  CS45-12IO1 Datasheet HTML 1Page - IXYS Corporation CS45-12IO1 Datasheet HTML 2Page - IXYS Corporation CS45-12IO1 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
Symbol
Conditions
Maximum Ratings
I
T(RMS)
T
VJ = TVJM
75
A
I
T(AV)M
T
C = 75°C; 180° sine
48
A
I
TSM
T
VJ = 45°C
t = 10 ms (50 Hz), sine
520
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
560
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
460
A
V
R = 0 V
t = 8.3 ms (60 Hz), sine
500
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1350
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
1300
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1050
A2s
V
R = 0 V
t = 8.3 ms (60 Hz), sine
1030
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 40 A
150
A/µs
f = 50 Hz, t
P = 200 µs
V
D =
2/
3 VDRM
I
G = 0.3 A
non repetitive, I
T = IT(AV)M
500
A/µs
di
G/dt = 0.3 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR =
2/
3 VDRM
1000
V/µs
R
GK =
¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30 µs
10
W
I
T = IT(AV)M
t
P =
300 µs
5
W
P
G(AV)
0.5
W
V
RGM
10
V
T
VJ
-40...+140
°C
T
VJM
140
°C
T
stg
-40...+125
°C
M
d
Version io1:
mounting torque M3
0.8...1.2
Nm
F
C
Version io1R:
mounting force with clip
20...120
N
V
ISOL *
50/60 Hz, RMS, t = 1 minute, leads-to-tab
2500
V~
Weight
6g
* Verson io1R only
CS 45
Features
• Thyristor for line frequency
• International standard package
JEDEC TO-247
• Planar passivated chip
• Long-term stability of blocking
currents and voltages
• Version AR isolated and
UL registered E153432
q
Epoxy meets UL 94V-0
Applications
• Motor control
• Power converter
• AC power controller
• Switch-mode and resonant mode
power supplies
• Light and temperature control
Advantages
• Easy to mount with 1 screw
(isolated mounting screw hole)
• Space and weight savings
• Simple mounting
• Improved temperature and power
cycling
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
Phase Control Thyristor
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
900
800
CS 45-08io1
1300
1200
CS 45-12io1
1700
1600
CS 45-16io1
CS 45-16io1R
A
C
G
C = Cathode, A = Anode, G = Gate
TO-247 AD
ISOPLUS 247TM
Version io1
Version io1R
G
C
A (TAB)
A
G
C
A
Isolated
back surface
*
* Patent pending
V
RRM
= 800-1600 V
I
T(RMS) = 75 A
I
T(AV)M
= 48 A


Similar Part No. - CS45-12IO1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS45-12IO1 IXYS-CS45-12IO1 Datasheet
412Kb / 5P
   Thyristor Single Thyristor
More results

Similar Description - CS45-12IO1

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com