Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EPT23DT Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100EPT23DT
Description  Dual Differential LVPECL to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT23DT Datasheet(HTML) 7 Page - ON Semiconductor

  MC100EPT23DT Datasheet HTML 1Page - ON Semiconductor MC100EPT23DT Datasheet HTML 2Page - ON Semiconductor MC100EPT23DT Datasheet HTML 3Page - ON Semiconductor MC100EPT23DT Datasheet HTML 4Page - ON Semiconductor MC100EPT23DT Datasheet HTML 5Page - ON Semiconductor MC100EPT23DT Datasheet HTML 6Page - ON Semiconductor MC100EPT23DT Datasheet HTML 7Page - ON Semiconductor MC100EPT23DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC100EPT23
http://onsemi.com
7
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948R−02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.


Similar Part No. - MC100EPT23DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT23DT ONSEMI-MC100EPT23DT Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23DTG ONSEMI-MC100EPT23DTG Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23DTG ONSEMI-MC100EPT23DTG Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100EPT23DTR2 ONSEMI-MC100EPT23DTR2 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23DTR2G ONSEMI-MC100EPT23DTR2G Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
More results

Similar Description - MC100EPT23DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
Micrel Semiconductor
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L_05 Datasheet
111Kb / 6P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Micrel Semiconductor
SY10EPT28L MICREL-SY10EPT28L Datasheet
115Kb / 7P
   3V LVTTL-TO-DIFFERENTIAL LVPECL AND DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21 Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com