Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M51016BTP-10LL-I Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M5M51016BTP-10LL-I
Description  1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M51016BTP-10LL-I Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M5M51016BTP-10LL-I Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M51016BTP-10LL-I Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M51016BTP-10LL-I Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M51016BTP-10LL-I Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M51016BTP-10LL-I Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M51016BTP-10LL-I Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M51016BTP-10LL-I Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUBISHI LSIs
1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M51016BTP,RT-70L,-10L-I,
-70LL,-10LL-I
9 Jul ,1997
(2) READ CYCLE
(3) WRITE CYCLE
Symbol
Parameter
tCR
Read cycle time
Address access time
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tCW
tw(W)
tsu(A)
ten(OE)
tsu(BC1)
tsu(BC2 )
tsu(CS)
tsu(D)
th(D)
trec(W)
tdis(W)
tdis(OE)
ten(W)
Symbol
Parameter
Write cycle time
Write pulse width
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Max
Min
Max
Min
Limits
ta(BC1)
ta(BC2)
ta(CS)
ta(OE)
tdis(BC1)
tdis(BC2)
tdis(CS)
tdis(OE)
ten(BC1)
ten(BC2)
ta(A)
Limits
ten(CS)
ten(OE)
ns
ns
tsu(A-WH)
ns
tv(A)
100
Address set up time
0
Address set up time with respect to W
85
75
Data set up time
40
Data hold time
0
Byte control 1 setup time
85
Chip select set up time
85
5
Byte control 2 setup time
85
Write recovery time
0
Output enable time from W high
5
Output enable time from OE low
Output disable time from W low
Output disable time from OE high
Output enable access time
Output disable time after CS low
100
Byte control 1 access time
Chip select access time
Output enable time after CS high
Data valid time after address
Byte control 2 access time
Output disable time after BC1 high
Output disable time after BC2 high
Output disable time after OE high
Output enable time after BC1 low
Output enable time after BC2 low
Output enable time after OE low
50
35
100
100
100
10
10
100
35
35
35
10
10
5
35
35
AC ELECTRICAL CHARACTERISTICS (Ta = - 40 ~ 85
, VCC = 5.0V 10 %, unless otherwise noted )
(1) MEASUREMENT CONDITIONS
Input pulse level
Input rise and fall time
Reference level
Transition is measured
500mV from steady
state voltage. ( for ten, tdis )
Output loads
VIH = 2.4V, VIL = 0.6V
5ns
VOH = 1.5V, VOL = 1.5V
Fig.1,CL =100pF(-10L,-10LL)
CL = 30pF (-70L,-70LL)
CL = 5pF ( for ten, tdis )
......................
..............
........................
............................
ns
M5M51016B
-10L,-10LL
M5M51016B
-10L,-10LL
4
C
o
+
_
Max
Min
70
70
10
10
25
10
10
5
M5M51016B
-70L,-70LL
70
70
70
35
25
25
25
Max
Min
70
5
25
25
5
M5M51016B
-70L,-70LL
55
65
0
65
65
65
30
0
0
Fig.1 Output load
CL ( Including scope
and JIG )
990
1.8k
VCC
DQ
+
_


Similar Part No. - M5M51016BTP-10LL-I

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51016BTP-10VL-I MITSUBISHI-M5M51016BTP-10VL-I Datasheet
85Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-10VLL-I MITSUBISHI-M5M51016BTP-10VLL-I Datasheet
85Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
More results

Similar Description - M5M51016BTP-10LL-I

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
   1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10LI MITSUBISHI-M5M51R16AWG-10LI Datasheet
89Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-10VL-I MITSUBISHI-M5M51016BTP-10VL-I Datasheet
85Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R04J-12 MITSUBISHI-M5M5V4R04J-12 Datasheet
56Kb / 6P
   4194304-BIT (1048576-WORD BY 4-BIT) CMOS STATIC RAM
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com