Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M465165BTP-6S Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M5M465165BTP-6S
Description  EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M465165BTP-6S Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M5M465165BTP-6S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M465165BTP-6S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M465165BTP-6S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M465165BTP-6S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M465165BTP-6S Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M465165BTP-6S Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M465165BTP-6S Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M5M465165BTP-6S Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M5M465165BTP-6S Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
MITSUBISHI
ELECTRIC
Jun. 1999
EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
EDO MODE 67108864-BIT (8388608-WORD BY 8-BIT) DYNAMIC RAM
EDO MODE 67108864-BIT (4194304-WORD BY 16-BIT) DYNAMIC RAM
MITSUBISHI LSIs
(Rev. 1.1)
M5M467405/465405BJ,BTP -5,-6,-5S,-6S
M5M467805/465805BJ,BTP -5,-6,-5S,-6S
M5M465165BJ,BTP -5,-6,-5S,-6S
TIMING REQUIREMENTS (For Read, Write, Read-Modify-Write ,Refresh, and EDO Mode Cycles)
(Ta=0
70
, Vcc=3.3
0.3V, Vss=0V, unless otherwise noted See notes 14,15)
C
Read and Refresh Cycles
Parameter
Symbol
Limits
Unit
Note 22: Either tRCH or tRRH must be satisfied for a read cycle.
Read cycle time
RAS low pulse width
CAS low pulse width
tRC
0
tRAS
tCAS
tCSH
tRSH
tRCS
CAS hold time after RAS low
Read Setup time before CAS low
Read hold time after CAS high
(Note 22)
tRCH
tRRH
(Note 22)
0
tRAL
tORH
RAS hold time after CAS low
Read hold time after RAS high
Column address to RAS hold time
RAS hold time after OE low
10000
10000
10000
10000
84
50
8
35
13
0
25
13
0
0
104
60
10
40
15
0
30
15
tCAL
Column address to CAS hold time
13
18
ns
ns
ns
ns
ns
ns
ns
ns
Min
Max
Min
Max
ns
ns
ns
tOCH
13
15
ns
CAS hold time after OE low
±
Note 14: The timing requirements are assumed tT =2ns.
15: VIH(min) and VIL(max) are reference levels for measuring timing of input signals.
16: tRCD(max) is specified as a reference point only. If tRCD is less than tRCD(max), access time is tRAC. If tRCD is greater than tRCD(max), access
time is controlled exclusively by tCAC or tAA.
17: tRAD(max) is specified as a reference point only. If tRAD
tRAD(max) and tASC
tASC(max), access time is controlled exclusively by tAA.
18: tASC(max) is specified as a reference point only. If tRCD
tRCD(max) and tASC
tASC(max), access time is controlled exclusively by tCAC.
19: Either tDZC or tDZO must be satisfied.
20: Either tRDD or tCDD or tODD or tWED must be satisfied.
21: tT is measured between VIH(min) and VIL(max).
~
Parameter
Symbol
Limits
Unit
M5M46X405B-5,5S
M5M46X805B-5,5S
M5M465165B-5,5S
M5M46X405B-6,6S
M5M46X805B-6,6S
M5M465165B-6,6S
Refresh cycle time
tREF
64
64
ms
Min
Max
Min
Max
RAS high pulse width
Delay time, RAS low to CAS low
tRP
tRCD
tCRP
tRPC
tCPN
Delay time, CAS high to RAS low
Delay time, RAS high to CAS low
CAS high pulse width
(Note21)
(Note16)
(Note17)
(Note18)
45
30
0
40
13
50
14
5
10
12
10
10
0
0
1
37
25
0
30
10
50
14
5
8
10
8
8
0
0
1
tRAD
tASR
tASC
tRAH
tCAH
tT
Column address delay time from RAS low
Row address setup time before RAS low
Column address setup time before CAS low
Row address hold time after RAS low
Column address hold time after CAS low
Transition time
(Note19)
(Note20)
(Note19)
(Note20)
Delay time, data to CAS low
Delay time, data to OE low
Delay time, CAS high to data
Delay time, OE high to data
tDZC
tDZO
tCDD
tODD
0
0
0
0
15
13
15
13
(Note20)
Delay time, RAS high to data
tRDD
15
13
ns
ns
ns
ns
ns
ns
ns
ns
ns
128
128
ms
Refresh cycle time (S-version only)
tREF
ns
ns
ns
ns
ns
ns
ns
ns
15
13
(Note20)
Delay time, W low to data
tWED
10
M5M46X405B-5,5S
M5M46X805B-5,5S
M5M465165B-5,5S
M5M46X405B-6,6S
M5M46X805B-6,6S
M5M465165B-6,6S


Similar Part No. - M5M465165BTP-6S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M465165DJ MITSUBISHI-M5M465165DJ Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465165DTP-5 MITSUBISHI-M5M465165DTP-5 Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465165DTP-5S MITSUBISHI-M5M465165DTP-5S Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465165DTP-6 MITSUBISHI-M5M465165DTP-6 Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M465165DTP-6S MITSUBISHI-M5M465165DTP-6S Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
More results

Similar Description - M5M465165BTP-6S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M467405DTP-5 MITSUBISHI-M5M467405DTP-5 Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400DTP-5 MITSUBISHI-M5M467400DTP-5 Datasheet
246Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400BJ MITSUBISHI-M5M467400BJ Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V64AWJ-5 MITSUBISHI-MH16V64AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V644AWJ-5 MITSUBISHI-MH16V644AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com