Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EPT21D Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EPT21D
Description  Differential LVPECL to LVTTL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT21D Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EPT21D Datasheet HTML 1Page - ON Semiconductor MC100EPT21D Datasheet HTML 2Page - ON Semiconductor MC100EPT21D Datasheet HTML 3Page - ON Semiconductor MC100EPT21D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1999
September, 1999 – Rev. 1.0
1
Publication Order Number:
MC100EPT21/D
MC100EPT21
Differential LVPECL to
LVTTL Translator
The MC100EPT21 is a Differential LVPECL to LVTTL translator.
Because LVPECL (Positive ECL) levels are used only +3.3V and
ground are required. The small outline 8–lead SOIC package makes
the EPT21 ideal for applications which require the translation of a
clock or data signal.
The VBB output allows the EPT21 to also be used in a single–ended
input mode. In this mode the VBB output is tied to the D0 input for a
non–inverting buffer or the D0 input for an inverting buffer. If used,
the VBB pin should be bypassed to ground via a 0.01
µF capacitator.
1.4ns Typical Propagation Delay
275MHz Fmax (Clock bit stream, not pseudo–random)
Differential LVPECL inputs
Small Outline SOIC Package
24mA TTL outputs
Flow Through Pinouts
Internal Input Resistors: Pulldown on D, Pulldown and Pullup on D
Q Output will default LOW with inputs open or at GND
ESD Protection: >1500V HBM, >100V MM
VBB Output
New Differential Input Common Mode Range
Moisture Sensitivity Level 1, Indefinite Time Out of Drypack.
For Additional Information, See Application Note AND8003/D
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count = 81 devices
1
2
3
45
6
7
8
Q
GND
VCC
Figure 1. 8–Lead Pinout (Top View) and Logic Diagram
D
NC
D
VBB
NC
LVTTL
LVPECL
ALYW
SO–8
D SUFFIX
CASE 751
PIN DESCRIPTION
PIN
Q
D, D
Differential LVPECL Input Pair
FUNCTION
LVTTL Output
http://onsemi.com
VCC
VBB
Output Reference Voltage
Positive Supply
GND
Ground
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
MC100EPT21D
SOIC
98 Units/Rail
MC100EPT21DR2
SOIC
2500 Tape & Reel
KPT21
1
8
1
8
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D


Similar Part No. - MC100EPT21D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EPT21D ONSEMI-MC100EPT21D Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21D ONSEMI-MC100EPT21D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EPT21DG ONSEMI-MC100EPT21DG Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21DG ONSEMI-MC100EPT21DG Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
MC100EPT21DR2 ONSEMI-MC100EPT21DR2 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
More results

Similar Description - MC100EPT21D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EPT28L MICREL-SY10EPT28L Datasheet
115Kb / 7P
   3V LVTTL-TO-DIFFERENTIAL LVPECL AND DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY89328L MICREL-SY89328L Datasheet
47Kb / 6P
   3V LVTTL-TO-DIFFERENTIAL, LVPECL AND DIFFERENTIAL, LVPECL-TO-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23 Datasheet
65Kb / 8P
   Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
logo
Micrel Semiconductor
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com