Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8261ABEBD-G3E-TF Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8261ABEBD-G3E-TF
Description  BATTERY PROTECTION IC FOR SINGLE-CELL PACK
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8261ABEBD-G3E-TF Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8261ABEBD-G3E-TF Datasheet HTML 1Page - Seiko Instruments Inc S-8261ABEBD-G3E-TF Datasheet HTML 2Page - Seiko Instruments Inc S-8261ABEBD-G3E-TF Datasheet HTML 3Page - Seiko Instruments Inc S-8261ABEBD-G3E-TF Datasheet HTML 4Page - Seiko Instruments Inc S-8261ABEBD-G3E-TF Datasheet HTML 5Page - Seiko Instruments Inc S-8261ABEBD-G3E-TF Datasheet HTML 6Page - Seiko Instruments Inc S-8261ABEBD-G3E-TF Datasheet HTML 7Page - Seiko Instruments Inc S-8261ABEBD-G3E-TF Datasheet HTML 8Page - Seiko Instruments Inc S-8261ABEBD-G3E-TF Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev.1.9_00
BATTERY PROTECTION IC FOR SINGLE-CELL PACK
S-8261 Series
Seiko Instruments Inc.
1
The S-8261 series are lithium-ion / lithium polymer
rechargeable battery protection ICs incorporating high-
accuracy voltage detection circuit and delay circuit.
The S-8261 series are suitable for protection of single-cell
lithium ion/lithium polymer battery packs from overcharge,
overdischarge and overcurrent.
Features
(1) Internal high accuracy voltage detection circuit
• Overcharge detection voltage
3.9 V to 4.4 V (applicable in 5 mV step)
Accuracy:
±25 mV (+25 °C) and ±30 mV (−5 °C to +55 °C)
• Overcharge hysteresis voltage
0.0 V to 0.4 V
*1
Accuracy:
±25 mV
The overcharge hysteresis voltage can be selected from the range 0.0 V to 0.4 V in 50 mV step.
• Overdischarge detection voltage
2.0 V to 3.0 V (applicable in 10 mV step) Accuracy:
±50 mV
• Overdischarge hysteresis voltage
0.0 V to 0.7 V
*2
Accuracy:
±50 mV
The overdischarge hysteresis voltage can be selected from the range 0.0 V to 0.7 V in 100 mV step.
• Overcurrent 1 detection voltage
0.05 V to 0.3 V (applicable in 10 mV step) Accuracy:
±15 mV
• Overcurrent 2 detection voltage
0.5 V (fixed) Accuracy:
±100 mV
(2) High voltage device is used for charger connection pins
(VM and CO pins: absolute maximum rating
= 28 V)
(3) Delay times (overcharge: tCU, overdischarge: tDL, overcurrent 1: tlOV1, overcurrent 2: tlOV2) are generated
by an internal circuit. No external capacitor is necessary.
Accuracy:
±20%
(4) Three-step overcurrent detection circuit is included.
(overcurrent 1, overcurrent 2 and load short-circuiting)
(5) 0 V battery charge function “available” / “unavailable” are selectable.
(6) Charger detection function and abnormal charge current detection function
• The overdischarge hysteresis is released by detecting negative voltage at the VM pin (−0.7 V typ.).
(Charger detection function)
• When the output voltage of the DO pin is high and the voltage at the VM pin is equal to or lower than
the charger detection voltage (
−0.7 V typ.), the output voltage of the CO pin goes low. (Abnormal
charge current detection function)
(7) Low current consumption
• Operation mode
3.5
µA typ., 7.0 µA max.
• Power-down mode
0.1
µA max.
(8) Wide operating temperature range
−40 °C to +85 °C
(9) Small package SOT-23-6, 6-Pin SNB(B)
*1. Overcharge release voltage
= Overcharge detection voltage − Overcharge hysteresis voltage
(where overcharge release voltage
< 3.8 V is prohibited.)
*2. Overdischarge release voltage
= Overdischarge detection voltage + Overdischarge hysteresis voltage
(where overdischarge release voltage
> 3.4 V is prohibited.)
Applications
• Lithium-ion rechargeable battery packs
• Lithium polymer rechargeable battery packs


Similar Part No. - S-8261ABEBD-G3E-TF

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8261ABAMD-G3AT2X ABLIC-S-8261ABAMD-G3AT2X Datasheet
545Kb / 33P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_03
S-8261ABBMD-G3BT2X ABLIC-S-8261ABBMD-G3BT2X Datasheet
545Kb / 33P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_03
S-8261ABCMD-G3CT2X ABLIC-S-8261ABCMD-G3CT2X Datasheet
545Kb / 33P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_03
S-8261ABIMD-G3IT2X ABLIC-S-8261ABIMD-G3IT2X Datasheet
545Kb / 33P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_03
S-8261ABJMD-G3JT2X ABLIC-S-8261ABJMD-G3JT2X Datasheet
545Kb / 33P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_03
More results

Similar Description - S-8261ABEBD-G3E-TF

ManufacturerPart #DatasheetDescription
logo
Grenergy Opto, lnc.
GB5101L GRENERGY-GB5101L Datasheet
727Kb / 13P
   Battery Protection IC for Single-cell Pack
GB5101 GRENERGY-GB5101 Datasheet
724Kb / 13P
   Battery Protection IC for Single-cell Pack
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com