Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V104 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # V104
Description  10 BIT LVDS RECEIVER FOR VIDEO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V104 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button V104 Datasheet HTML 3Page - Integrated Circuit Systems V104 Datasheet HTML 4Page - Integrated Circuit Systems V104 Datasheet HTML 5Page - Integrated Circuit Systems V104 Datasheet HTML 6Page - Integrated Circuit Systems V104 Datasheet HTML 7Page - Integrated Circuit Systems V104 Datasheet HTML 8Page - Integrated Circuit Systems V104 Datasheet HTML 9Page - Integrated Circuit Systems V104 Datasheet HTML 10Page - Integrated Circuit Systems V104 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
10 BIT LVDS RECEIVER FOR VIDEO
V104
V104 Datasheet
7
1/12/05
Revision 1.6
Integrated Circuit Systems • 525 Race St reet, San Jose, CA 95 126 • tel (408) 297-1201 • w w w. icst.com
PRELIMINARY
Thermal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Switching Characteristics
CLKOUT Period
tRCP
11.1
T
125.0
ns
CLK IN High Time
tRCH
(T-1)/2
ns
CLK IN Low Time
tRCL
(T-1)/2
ns
TTL Data Setup to CLKOUT
tRS
4.5
ns
TTL Data Hold from CLKOUT
tRH
2.5
ns
TTL Low to High Transition Time
tTLH
1.0
2.0
ns
TTL High to Low Transition Time
tTHL
1.0
2.0
ns
Input Data Position0
tRIP1
-0.25
0.0
+0.25
ns
Input Data Position1
tRIP0
ns
Input Data Position2
tRIP6
ns
Input Data Position3
tRIP5
ns
Input Data Position4
tRIP4
ns
Input Data Position5
tRIP3
ns
Input Data Position6
tRIP2
ns
Phase Lock Loop Set
tRPLL
10.0
ms
CLKIN Period
tRCIP
11.1
125.0
ns
Device-device data output skew
0
1.6
ns
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to Ambient
θ
JA
Still air
53
°C/W
θ
JA
1 m/s air flow
40
°C/W
θ
JA
3 m/s air flow
33
°C/W
Thermal Resistance Junction to Case
θ
JC
8
°C/W
-0.25
tRCIP
7
tRCIP
7
+0.25
tRCIP
7
2
-0.25
tRCIP
7
2
tRCIP
7
2
+0.25
tRCIP
7
3
-0.25
tRCIP
7
3
tRCIP
7
3
+0.25
tRCIP
7
4
-0.25
tRCIP
7
4
tRCIP
7
4
+0.25
tRCIP
7
5
-0.25
tRCIP
7
5
tRCIP
7
5
+0.25
tRCIP
7
6
-0.25
tRCIP
7
6
tRCIP
7
6
+0.25
tRCIP
7


Similar Part No. - V104

ManufacturerPart #DatasheetDescription
logo
EPCOS
V10-A500X EPCOS-V10-A500X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
V10-A500X EPCOS-V10-A500X Datasheet
64Kb / 4P
   SURGE ARRESTER 2-electrode arrester
V10-H08X EPCOS-V10-H08X Datasheet
16Kb / 2P
   Surge Arrester 2-Electrode-Arrester
V10-H14X EPCOS-V10-H14X Datasheet
16Kb / 2P
   Surge Arrester 2-Electrode-Arrester
V10-H22X EPCOS-V10-H22X Datasheet
83Kb / 2P
   Surge Arrester 2-Electrode-Arrester
More results

Similar Description - V104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V386 ICST-V386 Datasheet
243Kb / 10P
   8-BIT LVDS RECEIVER FOR VIDEO
logo
Renesas Technology Corp
IDTVP386 RENESAS-IDTVP386 Datasheet
275Kb / 13P
   8/28-BIT LVDS RECEIVER FOR VIDEO
2019
logo
Integrated Circuit Syst...
V103A ICST-V103A Datasheet
148Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
logo
Integrated Circuit Syst...
V385A ICST-V385A Datasheet
139Kb / 8P
   8-BIT LVDS TRANSMITTER FOR VIDEO
V385 ICST-V385 Datasheet
158Kb / 9P
   8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V385A RENESAS-V385A Datasheet
413Kb / 9P
   8-BIT LVDS TRANSMITTER FOR VIDEO
2019
logo
Maxim Integrated Produc...
MAX9235 MAXIM-MAX9235 Datasheet
128Kb / 11P
   10-Bit LVDS Serializer
Rev 0; 7/07
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com